Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12002 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC12002
Szczegółowy opis  ANALOG MIXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12002 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC12002 Datasheet HTML 1Page - Motorola, Inc MC12002 Datasheet HTML 2Page - Motorola, Inc MC12002 Datasheet HTML 3Page - Motorola, Inc MC12002 Datasheet HTML 4Page - Motorola, Inc MC12002 Datasheet HTML 5Page - Motorola, Inc MC12002 Datasheet HTML 6Page - Motorola, Inc MC12002 Datasheet HTML 7Page - Motorola, Inc MC12002 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC12002
5
MOTOROLA RF/IF DEVICE DATA
1.0 K
100.0
10.0
1.0
0.1
–50
fc, CARRIER FREQUENCY (MHz)
+40
+30
+20
+10
0
–10
–20
–30
–40
–60
fc, CARRIER FREQUENCY (MHz)
1.0 K
100.0
10.0
+40
+30
+20
+10
0
–10
–20
–30
–40
–50
–60
0.1
1.0
fc, CARRIER FREQUENCY (MHz)
10.0
100.0
1.0
100.0
10.0
1.0
0.1
0.0
1.0
2.0
3.0
4.0
0.1
fc, CARRIER FREQUENCY (MHz)
5.0
4.0
3.0
2.0
0.0
5.0
1.0
– 5.0 V
All input and output
cables to the scope are
equal lengths of 50-ohm
coaxial cable.
X 50
Atten.
50
50
50
50
11
12
Outputs
VEE
VCC
Null
Adjust
Reg.
Bypass
Mixer
Inputs
Local Oscillator
Inputs
1.0
µf
+
– 5.0 V
50
14
6
5
7
10
1
Hewlett
Packard
TEE 11536A
Hewlett Packard 3406A
Sampling Voltmeter
Hewlett Packard
651A 10 kHz
@ 150 mV R.M.S.
Hewlett Packard
651A and 3300B
100 kHz to 400 MHz
@ 30 mV RMS.
9
1.0
µf
0.1
µf
50
2
3
0.1
µf
1.0
µf
8
1.0
µf
Notes:
Test 1 – Adjust potentiometer for carrier null @ fc = 100 kHz
Test 2 – Connect pins 5 and 6 to –5.0 volts
Test 3 – Adjust potentiometer for carrier null @ 25
° C
Figure 5. Carrier Feedthrough versus Frequency
(Test 1)
Figure 6. Carrier Feedthrough versus Frequency
(Test 2)
Figure 7. Carrier Suppression Test Circuit
Figure 8. Carrier Suppression versus Frequency
(Test 1)
Figure 9. Carrier Suppression versus Frequency
(Test 2)


Podobny numer części - MC12002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC12002D LANSDALE-MC12002D Datasheet
971Kb / 9P
   Analog Mixer
MC12002D LANSDALE-MC12002D Datasheet
280Kb / 9P
   Analog Mixer
MC12002P LANSDALE-MC12002P Datasheet
971Kb / 9P
   Analog Mixer
MC12002P LANSDALE-MC12002P Datasheet
280Kb / 9P
   Analog Mixer
More results

Podobny opis - MC12002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002 Datasheet
971Kb / 9P
   Analog Mixer
ML12002 LANSDALE-ML12002_08 Datasheet
280Kb / 9P
   Analog Mixer
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-3000-4000-12 AAC-JXWBHP-T-3000-4000-12 Datasheet
70Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com