Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12022LVBP Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC12022LVBP
Szczegółowy opis  MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12022LVBP Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC12022LVBP Datasheet HTML 1Page - Motorola, Inc MC12022LVBP Datasheet HTML 2Page - Motorola, Inc MC12022LVBP Datasheet HTML 3Page - Motorola, Inc MC12022LVBP Datasheet HTML 4Page - Motorola, Inc MC12022LVBP Datasheet HTML 5Page - Motorola, Inc MC12022LVBP Datasheet HTML 6Page - Motorola, Inc MC12022LVBP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MC12022LVA
MC12022LVB
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷64/65, ÷128/129
DUAL MODULUS PRESCALER
Order this document by MC12022LVA/D
P SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
1
8
Device
Operating
Temp Range
Package
ORDERING INFORMATION
MC12022LVAD
MC12022LVAP
TA =
–40
° to +85°C
SO–8
Plastic
PIN CONNECTIONS
IN
(Top View)
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
MC12022LVBD
MC12022LVBP
SO–8
Plastic
1.1 GHz Low-Voltage
Dual Modulus Prescaler
The MC12022LVA can be used with CMOS synthesizers requiring
positive edges to trigger internal counters such as Motorola’s MC145XXX
series in a PLL to provide tuning signals up to 1.1 GHz in programmable
frequency steps.
The MC12022LVB can be used with CMOS synthesizers requiring
negative edges to trigger internal counters.
A Divide Ratio Control (SW) permits selection of a 64/65 or 128/129 divide
ratio as desired.
The Modulus Control (MC) selects the proper divide number after SW has
been biased to select the desired divide ratio.
NOTE: The “B” Version Is Not Recommended for New Designs
1.1 GHz Toggle Frequency
Supply Voltage of 2.7 to 5.0 V
Low–Power 4.0 mA Typical at VCC = 2.7 V
Operating Temperature Range of –40 to 85°C
Short Setup Time (tset) 16ns Maximum @ 1.1 GHz
Modulus Control Input Level Is Compatible With Standard CMOS
and TTL
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
64
H
L
65
L
H
128
L
L
129
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grouunding this pin,
but this is not recommended due to increased power soncumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
DESIGN GUIDE
Criteria
Value
Unit
Internal Gate Count*
67
ea
Internal Gate Propagation Delay
200
ps
Internal Gate Power Dissipation
0.75
mW
Speed Power Product
0.15
pJ
NOTE:
* Equivalent to a two–input NAND gate
© Motorola, Inc. 1997
Rev 3


Podobny numer części - MC12022LVBP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC120228BP MOTOROLA-MC120228BP Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AD MOTOROLA-MC12022AD Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022AP MOTOROLA-MC12022AP Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12022B MOTOROLA-MC12022B Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
More results

Podobny opis - MC12022LVBP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
   첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com