Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12089 Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MC12089
Szczegółowy opis  MECL PLL COMPONENTS 첨64/128 PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12089 Arkusz danych(HTML) 2 Page - Motorola, Inc

  MC12089 Datasheet HTML 1Page - Motorola, Inc MC12089 Datasheet HTML 2Page - Motorola, Inc MC12089 Datasheet HTML 3Page - Motorola, Inc MC12089 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC12089
2
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.25
3.4
2.8
GHz
Supply Current Output (Pin 2)
ICC
10.2
14.5
mA
Input Voltage Sensitivity
250–500 MHz
500–2800 MHz
Vin
400
100
1000
1000
mVpp
Divide Ratio Control Input High (SW)
VIH
VCC
VCC
VCC
V
Divide Ratio Control Input Low (SW)
VIL
Open
Open
Open
Output Voltage Swing (Note 1)
Vout
0.8
1.2
Vpp
NOTE:
1. Assumes CL = 12 pF
DQB
CQ
DQ
CQB
DQB
C
Q
In
In
Out
Figure 1. Logic Diagram (MC12089)
DQ
CQB
DQB
C
Q
DQB
CQ
SW
DQB
CQ
Figure 2. AC Test Circuit
SINE WAVE GENERATOR
50
C1
C2
C3
VCC = 4.5 to 5.5 V
CL
VCC
IN
IN
GND
OUT
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 12 pF (Including Scope and Jig Capacitance)
SW


Podobny numer części - MC12089

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
MC12080 ONSEMI-MC12080 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
MC12080 ONSEMI-MC12080 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080D ONSEMI-MC12080D Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
MC12080D ONSEMI-MC12080D Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
More results

Podobny opis - MC12089

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
logo
Motorola, Inc
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
   MECL PLL COMPONENTS 첨64/256 PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
logo
Texas Instruments
MC12079 TI-MC12079 Datasheet
77Kb / 4P
[Old version datasheet]   MECL PLL COMPONENTS /64/128/256 PRESCALER
logo
Motorola, Inc
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com