Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58J64IRMPR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58J64IRMPR
Szczegółowy opis  Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58J64IRMPR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS58J64IRMPR Datasheet HTML 4Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 5Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 6Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 7Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 8Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 9Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 10Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 11Page - Texas Instruments ADS58J64IRMPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
8
ADS58J64
SBAS807 – JANUARY 2017
www.ti.com
Product Folder Links: ADS58J64
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +100°C, input clock frequency = 1 GHz,
mode 8: 2x decimation with burst mode output, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –1-dBFS
differential input, and fIN = 190 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK INPUT
Internal clock biasing
CLKINP and CLKINM pins are connected to the
internal biasing voltage through a 5-kΩ resistor
0.7
V
(1)
Harmonic distortion performance can be significantly improved by using the frequency planning explained in the Frequency Planning
section.
6.6 AC Performance
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = +100°C, input clock frequency = 1 GHz,
mode 8: 2x decimation with burst mode output, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –1-dBFS
differential input, and fIN = 190 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
14-BIT BURST MODE
(DDC Mode 8)
DECIMATE-BY-4
(DDC Mode 2)
SNR
Signal-to-noise ratio
fIN = 10 MHz, AIN = –1 dBFS
69.9
72.2
dBFS
fIN = 70 MHz, AIN = –1 dBFS
69.6
71.8
fIN = 190 MHz, AIN = –1 dBFS
69.2
71.8
fIN = 190 MHz, AIN = –3 dBFS
66.5
69.6
71
fIN = 300 MHz, AIN = –3 dBFS
69.3
71.7
fIN = 370 MHz, AIN = –3 dBFS
68.7
71.3
fIN = 470 MHz, AIN = –3 dBFS
68.4
69.8
NSD
Noise spectral density
fIN = 10 MHz, AIN = –1 dBFS
–153.9
–153.2
dBFS/Hz
fIN = 70 MHz, AIN = –1 dBFS
–153.6
–152.8
fIN = 190 MHz, AIN = –1 dBFS
–153.2
–152.7
fIN = 190 MHz, AIN = –3 dBFS
–150.5
–153.6
–153.2
fIN = 300 MHz, AIN = –3 dBFS
–152.8
–152.7
fIN = 370 MHz, AIN = –3 dBFS
–152.5
–152.2
fIN = 470 MHz, AIN = –3 dBFS
–151.5
–151
SFDR(1)
Spurious-free dynamic
range
fIN = 10 MHz, AIN = –1 dBFS
83
83
dBc
fIN = 70 MHz, AIN = –1 dBFS
81
100
fIN = 190 MHz, AIN = –1 dBFS
87
100
fIN = 190 MHz, AIN = –3 dBFS
78
88
98
fIN = 300 MHz, AIN = –3 dBFS
79
98
fIN = 370 MHz, AIN = –3 dBFS,
input clock frequency = 983.04 MHz
82
70
fIN = 470 MHz, AIN = –3 dBFS
78
76
SINAD
Signal-to-noise and
distortion ratio
fIN = 10 MHz, AIN = –1 dBFS
68.5
70.6
dBFS
fIN = 70 MHz, AIN = –1 dBFS
68.5
70.6
fIN = 190 MHz, AIN = –1 dBFS
68.2
72.2
fIN = 190 MHz, AIN = –3 dBFS
68.5
73
fIN = 300 MHz, AIN = –3 dBFS
68.9
72.3
fIN = 370 MHz, AIN = –3 dBFS
68
68.2
fIN = 470 MHz, AIN = –3 dBFS
68
69


Podobny numer części - ADS58J64IRMPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58J64IRMPR TI1-ADS58J64IRMPR Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
More results

Podobny opis - ADS58J64IRMPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADS54J64 TI1-ADS54J64 Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
logo
Analog Devices
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com