Zakładka z wyszukiwarką danych komponentów |
|
UA2-5SNE-L Arkusz danych(PDF) 1 Page - Kemet Corporation |
|
UA2-5SNE-L Arkusz danych(HTML) 1 Page - Kemet Corporation |
1 / 17 page 1 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com R7004_UA2_UB2 • 2/27/2014 One world. One KEMET Benefits • Low power consumption (< 140 mW) • Super compact and lightweight • Slim package for dense mounting • Low magnetic interference • Tube or embossed tape and reel packaging • ULrecognized(E73266)andCSAcertified(LR46266) • Surface mount and through-hole options Overview The KEMET UA2/UB2 miniature signal relays offer a super compact case size in a slim package. Minimal board space is consumed with either a through-hole or surface mount configuration.TheserelaysarerecognizedbyULandCSA,while also being compliant with Part 68 of the FCC’s 1,500 V surge capacity. Applications • Electronic switching systems • PBX • Terminal equipment • Telephone systems Miniature Signal Relays UA2/UB2 Series Part Number System UB2- 3 S NU -L Series Coil Voltage Latch Type Lead Type Packaging UA2- = Through-hole mount UB2- = Surface mount 3 = 3 VDC 4.5 = 4.5 VDC 5 = 5 VDC 12 = 12 VDC 24 = 24 VDC Blank = Non-latch type S = Single coil latch type NU = Standard NE = Low power consumption (Non-latch) NUN = Minimum footprint NEN = Low power consumption (Non-latch), Minimum footprint Blank = Tube -L = Embossed tape on reel |
Podobny numer części - UA2-5SNE-L |
|
Podobny opis - UA2-5SNE-L |