Zakładka z wyszukiwarką danych komponentów |
|
TPC8108 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor |
|
TPC8108 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TPC8108 2002-03-12 2 Thermal Characteristics Characteristics Symbol Max Unit Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Rth (ch-a) 65.8 °C/W Thermal resistance, channel to ambient (t = 10 s) (Note 2b) Rth (ch-a) 125 °C/W Marking (Note 5) Note 1: Please use devices on condition that the channel temperature is below 150°C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b) Note 3: VDD = −24 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = −11 A Note 4: Repetitive rating; pulse width limited by maximum channel temperature Note 5: • on lower left of the marking indicates Pin 1. ※ shows lot number. (year of manufacture: last decimal digit of the year of manufacture, month of manufacture: January to December are denoted by letters A to L respectively.) ※ TYPE TPC8108 (a) FR-4 25.4 × 25.4 × 0.8 (unit: mm) (b) FR-4 25.4 × 25.4 × 0.8 (unit: mm) |
Podobny numer części - TPC8108 |
|
Podobny opis - TPC8108 |