Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2301IGQZ Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TSC2301IGQZ
Szczegółowy opis  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IGQZ Arkusz danych(HTML) 4 Page - Texas Instruments

  TSC2301IGQZ Datasheet HTML 1Page - Texas Instruments TSC2301IGQZ Datasheet HTML 2Page - Texas Instruments TSC2301IGQZ Datasheet HTML 3Page - Texas Instruments TSC2301IGQZ Datasheet HTML 4Page - Texas Instruments TSC2301IGQZ Datasheet HTML 5Page - Texas Instruments TSC2301IGQZ Datasheet HTML 6Page - Texas Instruments TSC2301IGQZ Datasheet HTML 7Page - Texas Instruments TSC2301IGQZ Datasheet HTML 8Page - Texas Instruments TSC2301IGQZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
At 25°C, HPV
DD = AVDD = DVDD = +3.3 V, VREF = External 2.5 V, unless otherwise noted.
TSC2301
Parameter
Conditions
Units
Min
Typ
Max
Auxilary Analog Inputs
Input voltage range
0
+VREFIN
V
Input capacitance
25
ρF
Input leakage current
1
µA
Battery Monitor Input
Input voltage range
0
6.0
V
Input capacitance
25
ρF
Input leakage current
±1
µA
Temperature Measurement
Temperature range
-40
+85
°C
Temperature resolution
0.3
°C
Accuracy
±2
°C
Touch Screen A/D Converter
Resolution
Programmable: 8-, 10-,12-Bits
12
Bits
No missing codes
12-bit resolution
10
Bits
Integral linearity
±6
LSB
Offset error
±6
LSB
TSC2301IPAG
±6
Gain error
LSB
TSC2301IGQZ
±10
µV
Noise
<300
RMS
Audio Codec
Sampling frequency
48
kHz
Audio I/O
Audio in
Line, Mic inputs
0.15* AVDD
0.65* AVDD
V
Audio out
Line outputs
0.15* AVDD
0.65* AVDD
V
ADC performance measured using
Audio ADC
Fs = 48 kHz
Signal-to-noise ratio, A-weighted
No input
80
88
dB
Total harmonic distortion
1 kHz, -0.5 dB input
-70
-60
dB
0.18*
Full-scale input voltage
Vrms
AVDD
Transition band
0.45 Fs
0.55 Fs
Hz
Stop band
0.55 Fs
127 Fs
Hz
Stop band rejection
70dB
DAC performance measured at Line
Audio DAC
Outputs using Fs = 48 kHz
0.18*
Full-scale output voltage
Vrms
AVDD
Signal-to-noise ratio, A-weighted
No input
98
dB
Total harmonic distortion
1-kHz, 0-dB input
-100
dB
Frequency response
20
0.45 Fs
Hz
Transition band
0.45 Fs
0.55 Fs
Hz
Stop band
0.55 Fs
3.5 Fs
Hz
Stop band rejection
65
dB
DAC playback through headphone
Headphone Driver
driver
4


Podobny numer części - TSC2301IGQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2301IPAG TI1-TSC2301IPAG Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGG4 TI1-TSC2301IPAGG4 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Podobny opis - TSC2301IGQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com