Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2301IGQZR Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TSC2301IGQZR
Szczegółowy opis  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IGQZR Arkusz danych(HTML) 3 Page - Texas Instruments

  TSC2301IGQZR Datasheet HTML 1Page - Texas Instruments TSC2301IGQZR Datasheet HTML 2Page - Texas Instruments TSC2301IGQZR Datasheet HTML 3Page - Texas Instruments TSC2301IGQZR Datasheet HTML 4Page - Texas Instruments TSC2301IGQZR Datasheet HTML 5Page - Texas Instruments TSC2301IGQZR Datasheet HTML 6Page - Texas Instruments TSC2301IGQZR Datasheet HTML 7Page - Texas Instruments TSC2301IGQZR Datasheet HTML 8Page - Texas Instruments TSC2301IGQZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
OPERATING
ORDERING
TRANSPORT MEDIA
DESIGNATOR
TEMPERATURE RANGE
NUMBER
QUANTITY
TSC2301IPAG
Trays, 160
TQFP-64
PAG
TSC2301IPAGR
Tape and reel, 1500
TSC2301IGQZ
Trays, 250
TSC2301I
GQZ
–40°C to 85°C
TSC2301IGQZR
Tape and reel, 2500
VFBGA-120
TSC2301IZQZ
Trays, 250
ZQZ
TSC2301IZQZR
Tape and reel, 2500
over operating free-air temperature range unless otherwise noted(1)
TSC2301
Supply voltage
AVDD, HPVDD, DVDD
4 V
Ground voltage differences
AGND, DGND
±0.1 V
Digital input voltage
-0.3 V to (DVDD + 0.3 V)
Analog input voltage
-0.3 V to (AVDD + 0.3 V)
Ambient temperature under bias, TA
-40°C to 125°C
Storage temperature, Tstg
-55°C to 150°C
Junction temperature, TJ
150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3


Podobny numer części - TSC2301IGQZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2301IPAG TI1-TSC2301IPAG Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGG4 TI1-TSC2301IPAGG4 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Podobny opis - TSC2301IGQZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com