Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13173FTB Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MC13173FTB
Szczegółowy opis  INFRARED TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13173FTB Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button MC13173FTB Datasheet HTML 4Page - Motorola, Inc MC13173FTB Datasheet HTML 5Page - Motorola, Inc MC13173FTB Datasheet HTML 6Page - Motorola, Inc MC13173FTB Datasheet HTML 7Page - Motorola, Inc MC13173FTB Datasheet HTML 8Page - Motorola, Inc MC13173FTB Datasheet HTML 9Page - Motorola, Inc MC13173FTB Datasheet HTML 10Page - Motorola, Inc MC13173FTB Datasheet HTML 11Page - Motorola, Inc MC13173FTB Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC13173
8
MOTOROLA ANALOG IC DEVICE DATA
Table 3. PIN FUNCTION DESCRIPTION (TA = 25°C, VCC = 5.0 Vdc, fREF = 32.768 kHz, fMOD = 32.768 kHz)
Pin
Symbol
Description
Internal Equivalent
Circuit
Waveform
1
12 M
VCO for Master PLL.
(Measured using a
low capacitance FET
probe. Standard
oscilloscope probes
can pull oscillator off
frequency. See
Figure 14.)
VCC
VEE
1
2,
21,
23
VEE
DC ground. Should be
connected to a
continuous ground
plane on the PCB.
3
R
Receive Enable Pin.
See Tables 1 & 2.
4, 5
RF In1
RF In2
RF Input to the mixer.
1.375 MHz average
carrier frequency with
± 50 kHz deviation.
4
VEE
VCC
5
6
Mixer
Out
10.7 MHz IF
ZO = 330 Ω
RF In = – 20 dBm
Modulation =
32.768 kHz
VCC
VEE
6
7,
12
VCC
Supply voltage and
RF ground, should be
decoupled to VEE.
8
IF In
IF input impedance is
330
Ω.
RF In = – 20 dBm
Modulation =
32.768 kHz
VEE
VCC
10
8
9


Podobny numer części - MC13173FTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175D MOTOROLA-MC13175D Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
More results

Podobny opis - MC13173FTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
   Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 22-Oct-2018
logo
Siemens Semiconductor G...
IRM6000 SIEMENS-IRM6000 Datasheet
68Kb / 3P
   INFRARED DATA TRANSCEIVER
logo
CITIZEN ELECTRONICS CO....
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com