Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9363ABCZ-REEL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9363ABCZ-REEL
Szczegółowy opis  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ-REEL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9363ABCZ-REEL Datasheet HTML 7Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 8Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 9Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 10Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 11Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 12Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 13Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 14Page - Analog Devices AD9363ABCZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 11 of 32
CURRENT CONSUMPTION—VDDx (COMBINATION OF ALL 1.3 V SUPPLIES)
Table 6. TDD Mode, 800 MHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ONE Rx CHANNEL
Continuous Rx
5 MHz BW
180
mA
10 MHz BW
210
mA
20 MHz BW
260
mA
TWO Rx CHANNELS
Continuous Rx
5 MHz BW
265
mA
10 MHz BW
315
mA
20 MHz BW
405
mA
ONE Tx CHANNEL
Continuous Tx
5 MHz BW
7 dBm
340
mA
−27 dBm
190
mA
10 MHz BW
7 dBm
360
mA
−27 dBm
220
mA
20 MHz BW
7 dBm
400
mA
−27 dBm
250
mA
TWO Tx CHANNELS
Continuous Tx
5 MHz BW
7 dBm
550
mA
−27 dBm
260
mA
10 MHz BW
7 dBm
600
mA
−27 dBm
310
mA
20 MHz BW
7 dBm
660
mA
−27 dBm
370
mA


Podobny numer części - AD9363ABCZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

Podobny opis - AD9363ABCZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
logo
Analog Devices
ADUC842 AD-ADUC842 Datasheet
217Kb / 17P
   12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
REV. PrB
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com