Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM2795EARWZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM2795EARWZ
Szczegółowy opis  Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM2795EARWZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM2795EARWZ Datasheet HTML 4Page - Analog Devices ADM2795EARWZ Datasheet HTML 5Page - Analog Devices ADM2795EARWZ Datasheet HTML 6Page - Analog Devices ADM2795EARWZ Datasheet HTML 7Page - Analog Devices ADM2795EARWZ Datasheet HTML 8Page - Analog Devices ADM2795EARWZ Datasheet HTML 9Page - Analog Devices ADM2795EARWZ Datasheet HTML 10Page - Analog Devices ADM2795EARWZ Datasheet HTML 11Page - Analog Devices ADM2795EARWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADM2795E
Data Sheet
Rev. 0 | Page 8 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
DD1
1.7 V to 5.5 V Flexible Logic Interface Supply.
2
GND
1
Ground 1, Logic Side.
3
TxD
Transmit Data Input. Data to be transmitted by the driver is applied to this input.
4
DE
Driver Output Enable. A high level on this pin enables the driver differential outputs, A and B. A low level places
them into a high impedance state.
5
RE
Receiver Enable Input. This pin is an active low input. Driving this input low enables the receiver, and driving it high
disables the receiver.
6
RxD
Receiver Output Data. This output is high when (A – B) > −30 mV and low when (A – B) < –200 mV.
7
NIC
Not Internally Connected. This pin is not internally connected.
8
GND
1
Ground 1, Logic Side.
9
GND
2
Isolated Ground 2, Bus Side.
10
GND
2
Isolated Ground 2, Bus Side.
11
A
Noninverting Driver Output/Receiver Input. When the driver is disabled, or when V
DD1 or VDD2 is powered down,
Pin A is put into a high impedance state to avoid overloading the bus.
12
GND
2
Isolated Ground 2, Bus Side.
13
V
DD2
3 V to 5.5 V Power Supply. Pin 13 must be connected externally to Pin 16.
14
B
Inverting Driver Output/Receiver Input. When the driver is disabled, or when V
DD1 or VDD2 is powered down, Pin B is
put into a high impedance state to avoid overloading the bus.
15
GND
2
Isolated Ground 2, Bus Side.
16
V
DD2
3 V to 5.5 V Power Supply. Pin 16 must be connected externally to Pin 13.
VDD1 1
GND1 2
TxD
3
DE
4
VDD2
16
GND2
15
B
14
VDD2
13
RE
5
GND2
12
RxD
6
A
11
NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
7
GND2
10
GND1 8
GND2
9
ADM2795E
(Not to Scale)
TOP VIEW


Podobny numer części - ADM2795EARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2795EARWZ AD-ADM2795EARWZ Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
ADM2795EARWZ-RL7 AD-ADM2795EARWZ-RL7 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
More results

Podobny opis - ADM2795EARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Texas Instruments
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3095E AD-ADM3095E Datasheet
557Kb / 19P
   Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
Rev. C
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com