Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14510B Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC14510B
Szczegółowy opis  BCD Up/Down Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14510B Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC14510B Datasheet HTML 1Page - Motorola, Inc MC14510B Datasheet HTML 2Page - Motorola, Inc MC14510B Datasheet HTML 3Page - Motorola, Inc MC14510B Datasheet HTML 4Page - Motorola, Inc MC14510B Datasheet HTML 5Page - Motorola, Inc MC14510B Datasheet HTML 6Page - Motorola, Inc MC14510B Datasheet HTML 7Page - Motorola, Inc MC14510B Datasheet HTML 8Page - Motorola, Inc MC14510B Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOTOROLA CMOS LOGIC DATA
351
MC14510B
BCD Up/Down Counter
The MC14510B synchronous up/down BCD counter is constructed with
MOS P–channel and N–channel enhancement mode devices in a monolithic
structure. The counter consists of type D flip–flop stages with a gating
structure to provide type T flip–flop capability.
This counter can be preset by applying the desired value in BCD to the
Preset inputs (P1, P2, P3, P4) and then bringing the Preset Enable (PE)
high. The direction of counting is controlled by applying a high (for up
counting) or a low (for down counting) to the UP/DOWN input. The state of
the counter changes on the positive transition of the clock input.
Cascading can be accomplished by connecting the Carry Out to the
Carry In of the next stage while clocking each counter in parallel. The
outputs (Q1, Q2, Q3, Q4) can be reset to a low state by applying a high to the
Reset (R) pin.
This CMOS counter finds primary use in up/down and difference counting.
Other applications include: (1) Frequency synthesizer applications where
low power dissipation and/or high noise immunity is desired, (2) Analog–to–
digital and digital–to–analog conversions, and (3) Magnitude and sign
generation.
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Internally Synchronous for High Speed
• Logic Edge–Clocked Design — Count Occurs on Positive Going Edge
of Clock
• Asynchronous Preset Enable Operation
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range.
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
TRUTH TABLE
Carry In
Up/Down
Preset
Enable
Reset
Clock
Action
1
X
0
0
X
No Count
0
1
0
0
Count Up
0
0
0
0
Count Down
X
X
1
0
X
Preset
X
X
X
1
X
Reset
X = Don’t Care
NOTE: When counting up, the Carry Out signal is normally high, and is low only
when Q1 and Q4 are high and Carry In is low. When counting down, Carry
Out is low only when Q1 through Q4 and Carry In are low.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14510B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.
BLOCK DIAGRAM
1
5
9
10
15
4
12
13
3
6
11
14
2
7
PE
CARRY IN
R
UP/DOWN
CLOCK
P1
P2
P3
P4
Q1
Q2
Q3
Q4
CARRY
OUT
VDD = PIN 16
VSS = PIN 8


Podobny numer części - MC14510B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145100 MOTOROLA-MC145100 Datasheet
59Kb / 1P
   Low-Power Complementary MOS
MC145104 MOTOROLA-MC145104 Datasheet
70Kb / 1P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) PLL FREQUENCY SYNTHESIZERS
MC145104P MOTOROLA-MC145104P Datasheet
70Kb / 1P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) PLL FREQUENCY SYNTHESIZERS
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
MC145106DW MOTOROLA-MC145106DW Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
More results

Podobny opis - MC14510B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
   PRESETTABLE BCD UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
   SYNCHRONOUS BCD UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com