Zakładka z wyszukiwarką danych komponentów |
|
K10101WETRU Arkusz danych(PDF) 3 Page - COSMO Electronics Corporation |
|
K10101WETRU Arkusz danych(HTML) 3 Page - COSMO Electronics Corporation |
3 / 11 page Cosmo Electronics Corp. Document No. 69P00004.3 - 3 - http://www.cosmo-ic.com cosmo K1010 W Series LOW INPUT CURRENT PHOTOCOUPLER Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Rating Unit Input Forward current IF 50 mA Peak forward current IFM 1 A Reverse voltage VR 6 V Power dissipation PD 70 mW Output Collector-emitter voltage VCEO 80 V Emitter-collector voltage VECO 6 V Collector current IC 50 mA Collector power dissipation PC 150 mW Total power dissipation Ptot 200 mW Isolation voltage 1 minute Viso 5000 Vrms Operating temperature Topr -55 to +115 ℃ Storage temperature Tstg -55 to +125 ℃ Soldering temperature 10 seconds Tsol 260 ℃ Electro-optical Characteristics (Ta=25℃) Parameter Symbol Conditions Min. Typ. Max. Unit Input Forward voltage VF IF=20mA - 1.2 1.8 V Peak forward voltage VFM IFM=0.5A - - 3.0 V Reverse current IR VR=4V - - 10 μA Terminal capacitance Ct V=0, f=1KHz - 30 - pF Output Collector dark current ICEO VCE=20V, IF=0 - - 0.1 μA Transfer charac- teristics Current transfer ratio CTR IF=0.5mA, VCE=5V 50 - 600 % Collector-emitter saturation VCE(sat) IF=20mA, IC=1mA - 0.1 0.2 V Isolation resistance Riso DC500V 5x10 10 10 11 - Ω Floating capacitance Cf V=0, f=1MHz - 0.6 1.0 pF Cut-off frequency fC VCC=5V, IC=2mA, RL=100Ω - 80 - KHz Response time ( Rise ) tr VCE=2V, IC=2mA, RL=100Ω - 4 18 μs Response time ( Fall ) tf - 3 18 μs |
Podobny numer części - K10101WETRU |
|
Podobny opis - K10101WETRU |