Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAQY210TR Arkusz danych(PDF) 8 Page - COSMO Electronics Corporation

Numer części KAQY210TR
Szczegółowy opis  4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY210TR Arkusz danych(HTML) 8 Page - COSMO Electronics Corporation

Back Button KAQY210TR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 10Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 11Page - COSMO  Electronics Corporation KAQY210TR Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00004.5
- 8 -
http://www.cosmo-ic.com
cosmo
KAQY210 Series
4PIN 350V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Number of reflows:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
1 8 0 ℃
1 9 0 ℃
2 3 0 ℃
2 6 0
6 0 -1 2 0 s e c
3 0 -6 0 s e c
t (s )
1 0 s e c M a x .
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Number of times:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


Podobny numer części - KAQY210TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQY210 COSMO-KAQY210 Datasheet
403Kb / 2P
   HIGH VOLTAGE STATE RELAY MOSFET OUTPUT
KAQY210A COSMO-KAQY210A Datasheet
403Kb / 2P
   HIGH VOLTAGE STATE RELAY MOSFET OUTPUT
logo
DB Lectro Inc
KAQY210AB DBLECTRO-KAQY210AB Datasheet
131Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQY210A COSMO-KAQY210A_11 Datasheet
162Kb / 7P
   PRODUCT SPECIFICATION
logo
DB Lectro Inc
KAQY210B DBLECTRO-KAQY210B Datasheet
131Kb / 2P
   High Voltage, Photo Mos Relay
More results

Podobny opis - KAQY210TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com