Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KAQY214 Arkusz danych(PDF) 11 Page - COSMO Electronics Corporation

Numer części KAQY214
Szczegółowy opis  4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY214 Arkusz danych(HTML) 11 Page - COSMO Electronics Corporation

Back Button KAQY214_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 10Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 11Page - COSMO  Electronics Corporation KAQY214_15 Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00005.5
- 11 -
http://www.cosmo-ic.com
cosmo
KAQY214 Series
4PIN 400V N.O TYPE
SOLID STATE RELAY-MOSFET Output
 4-pin SOP Carrier Tape & Reel
0.30
4.0
2.0
12.00
2.4±0.3
7.6±0.4
1.5
16.4
2.0
Direction of feed from reel
TL
Direction of feed from reel
TR
TOLERANCE
±0.2mm
Unit
mm


Podobny numer części - KAQY214_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQY214 COSMO-KAQY214_11 Datasheet
166Kb / 7P
   PRODUCT SPECIFICATION
More results

Podobny opis - KAQY214_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com