Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37B777 Arkusz danych(PDF) 7 Page - SMSC Corporation

Numer części FDC37B777
Szczegółowy opis  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B777 Arkusz danych(HTML) 7 Page - SMSC Corporation

Back Button FDC37B777 Datasheet HTML 3Page - SMSC Corporation FDC37B777 Datasheet HTML 4Page - SMSC Corporation FDC37B777 Datasheet HTML 5Page - SMSC Corporation FDC37B777 Datasheet HTML 6Page - SMSC Corporation FDC37B777 Datasheet HTML 7Page - SMSC Corporation FDC37B777 Datasheet HTML 8Page - SMSC Corporation FDC37B777 Datasheet HTML 9Page - SMSC Corporation FDC37B777 Datasheet HTML 10Page - SMSC Corporation FDC37B777 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 196 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
FDD INTERFACE (14)
16
Read Disk Data
1
nRDATA
IS
11
Write Gate
1
nWGATE
O24/OD24
10
Write Disk Data
1
nWDATA
O24/OD24
12
Head Select
1
nHDSEL
O24/OD24
8
Step Direction
1
nDIR
O24/OD24
9
Step Pulse
1
nSTEP
O24/OD24
17
Disk Change
1
nDSKCHG
IS
5
Drive Select 0
1
nDS0
O24/OD24
3
Motor On 0
1
nMTR0
O24/OD24
15
Write Protected
1
nWRTPRT
IS
14
Track 0
1
nTRKO
IS
13
Index Pulse Input
1
nINDEX
IS
1
Drive Density Select 0
1
DRVDEN0
O24/OD24
2
Drive Density Select 1
1
DRVDEN1
O24/OD24
SERIAL PORT 1 INTERFACE (8)
84
Receive Serial Data 1
1
RXD1
I
85
Transmit Serial Data 1
1
TXD1
O4
87
Request to Send 1
1
nRTS1/
SYSOP
O4/I
88
Clear to Send 1
1
nCTS1
I
89
Data Terminal Ready 1
1
nDTR1
O4
86
Data Set Ready 1
1
nDSR1
I
91
Data Carrier Detect 1
1
nDCD1
I
90
Ring Indicator 1
1
nRI1
I
SERIAL PORT 2 INTERFACE (8)
95
Receive Serial Data 2/Infrared Rx
1
RXD2/IRRX
I
96
Transmit Serial Data 2/Infrared Tx (Note 4,
Note 7)
1
TXD2/IRTX
O24PD
98
Request to Send 2/Sys Addr 12 (Note 6)
1
nRTS2/SA12
O4/I
99
Clear to Send 2/Sys Addr 13
1
nCTS2/SA13
I/I
100
Data Terminal Ready/Sys Addr 14 (Note 6)
1
nDTR2/
SA14
O4/I


Podobny numer części - FDC37B777

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Podobny opis - FDC37B777

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com