Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4921G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części 2N4921G
Szczegółowy opis  Medium-Power Plastic NPN Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4921G Arkusz danych(HTML) 3 Page - ON Semiconductor

  2N4921G_17 Datasheet HTML 1Page - ON Semiconductor 2N4921G_17 Datasheet HTML 2Page - ON Semiconductor 2N4921G_17 Datasheet HTML 3Page - ON Semiconductor 2N4921G_17 Datasheet HTML 4Page - ON Semiconductor 2N4921G_17 Datasheet HTML 5Page - ON Semiconductor 2N4921G_17 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N4921G, 2N4922G, 2N4923G
www.onsemi.com
3
40
30
20
10
0
25
50
75
100
125
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
Safe Area Curves are indicated by Figure 5. All limits are applicable and must be observed.
Figure 2. Switching Time Equivalent Circuit
5.0
10
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (mA)
VCC = 30 V
IC/IB = 20
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.05
20
30
50
70 100
200
700 1000
VCC
SCOPE
RB
Cjd <<Ceb
-4.0 V
t1 ≤ 15 ns
100 < t2 ≤ 500 ms
t3 ≤ 15 ns
DUTY CYCLE
≈ 2.0%
Vin
RC
0.07
3.0
IC/IB = 10, UNLESS NOTED
VCC = 30 V
VCC = 60 V
VBE(off) = 2.0 V
VCC = 30 V
VBE(off) = 0
300
500
tr
td
t1
VBE(off)
APPROX 9.0 V
TURN-ON PULSE
t3
t2
Vin
APPROX
+11 V
Vin
TURN-OFF PULSE
APPROX
+11 V
RB and RC varied to
obtain desired
current levels
TJ = 25°C
TJ = 150°C
VCC = 60 V


Podobny numer części - 2N4921G_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
More results

Podobny opis - 2N4921G_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
BD135G ONSEMI-BD135G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_13 Datasheet
194Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
   MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
   Plastic NPN Silicon Medium-Power Transistors
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_11 Datasheet
249Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
BD435G ONSEMI-BD435G Datasheet
84Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com