Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4923G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 2N4923G
Szczegółowy opis  Medium-Power Plastic NPN Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4923G Arkusz danych(HTML) 1 Page - ON Semiconductor

  2N4923G Datasheet HTML 1Page - ON Semiconductor 2N4923G Datasheet HTML 2Page - ON Semiconductor 2N4923G Datasheet HTML 3Page - ON Semiconductor 2N4923G Datasheet HTML 4Page - ON Semiconductor 2N4923G Datasheet HTML 5Page - ON Semiconductor 2N4923G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
January, 2017 − Rev. 15
1
Publication Order Number:
2N4921/D
2N4921G, 2N4922G,
2N4923G
Medium-Power Plastic
NPN Silicon Transistors
These high−performance plastic devices are designed for driver
circuits, switching, and amplifier applications.
Features
Low Saturation Voltage
Excellent Power Dissipation
Excellent Safe Operating Area
Complement to PNP 2N4920G
These Devices are Pb−Free and are RoHS Compliant**
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N4921G
2N4922G
2N4923G
VCEO
40
60
80
Vdc
Collector−Emitter Voltage
2N4921G
2N4922G
2N4923G
VCB
40
60
80
Vdc
Emitter Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous (Note 1)
IC
1.0
Adc
Collector Current − Peak (Note 1)
ICM
3.0
Adc
Base Current − Continuous
IB
1.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25_C
PD
30
0.24
W
mW/_C
Operating and Storage Junction
Temperature Range
TJ, Tstg –65 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. The 1.0 A maximum IC value is based upon JEDEC current gain requirements.
The 3.0 A maximum value is based upon actual current handling capability of
the device (see Figures 5 and 6).
THERMAL CHARACTERISTICS (Note 2)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
4.16
_C/W
2. Recommend use of thermal compound for lowest thermal resistance.
*Indicates JEDEC Registered Data.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
1.0 AMPERE
GENERAL PURPOSE
POWER TRANSISTORS
40−80 VOLTS, 30 WATTS
www.onsemi.com
MARKING DIAGRAM
Y
= Year
WW
= Work Week
2N492x = Device Code
x = 1, 2, or 3
G= Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
2N4921G
TO−225
(Pb−Free)
500 Units / Box
2N4922G
TO−225
(Pb−Free)
500 Units / Box
2N4923G
TO−225
(Pb−Free)
500 Units / Box
3
BASE
1
EMITTER
COLLECTOR
2, 4
TO−225
CASE 77−09
STYLE 1
1 2 3
YWW
2
N492xG


Podobny numer części - 2N4923G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4923G ONSEMI-2N4923G Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
2N4923G ONSEMI-2N4923G Datasheet
150Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
More results

Podobny opis - 2N4923G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
BD135G ONSEMI-BD135G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_13 Datasheet
194Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
   MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
   Plastic NPN Silicon Medium-Power Transistors
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_11 Datasheet
249Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
BD435G ONSEMI-BD435G Datasheet
84Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com