Zakładka z wyszukiwarką danych komponentów |
|
MC14580B Arkusz danych(PDF) 2 Page - Motorola, Inc |
|
MC14580B Arkusz danych(HTML) 2 Page - Motorola, Inc |
2 / 7 page MOTOROLA CMOS LOGIC DATA MC14580B 2 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc – 55 _C 25 _C 125 _C Unit Characteristic Symbol VDD Vdc Min Max Min Typ # Max Min Max Unit Output Voltage “0” Level Vin = VDD or 0 VOL 5.0 10 15 — — — 0.05 0.05 0.05 — — — 0 0 0 0.05 0.05 0.05 — — — 0.05 0.05 0.05 Vdc “1” Level Vin = 0 or VDD VOH 5.0 10 15 4.95 9.95 14.95 — — — 4.95 9.95 14.95 5.0 10 15 — — — 4.95 9.95 14.95 — — — Vdc Input Voltage “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) VIL 5.0 10 15 — — — 1.5 3.0 4.0 — — — 2.25 4.50 6.75 1.5 3.0 4.0 — — — 1.5 3.0 4.0 Vdc “1” Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIH 5.0 10 15 3.5 7.0 11 — — — 3.5 7.0 11 2.75 5.50 8.25 — — — 3.5 7.0 11 — — — Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) IOH 5.0 5.0 10 15 – 3.0 – 0.64 – 1.6 – 4.2 — — — — – 2.4 – 0.51 – 1.3 – 3.4 – 4.2 – 0.88 – 2.25 – 8.8 — — — — – 1.7 – 0.36 – 0.9 – 2.4 — — — — mAdc (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOL 5.0 10 15 0.64 1.6 4.2 — — — 0.51 1.3 3.4 0.88 2.25 8.8 — — — 0.36 0.9 2.4 — — — mAdc Input Current Iin 15 — ±0.1 — ±0.00001 ±0.1 — ±1.0 µAdc Input Capacitance (Vin = 0) Cin — — — — 5.0 7.5 — — pF Quiescent Current (Per Package) IDD 5.0 10 15 — — — 5.0 10 20 — — — 0.010 0.020 0.030 5.0 10 20 — — — 150 300 600 µAdc Total Supply Current**† (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT 5.0 10 15 IT = (1.18 µA/kHz) f + IDD IT = (1.91 µA/kHz) f + IDD IT = (2.67 µA/kHz) f + IDD µAdc Three–State Leakage Current ITL 15 — ± 0.1 — ±0.0001 ±0.1 — ±3.0 µAdc #Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. ** The formulas given are for the typical characteristics only at 25 _C. †To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.004. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. |
Podobny numer części - MC14580B |
|
Podobny opis - MC14580B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |