Zakładka z wyszukiwarką danych komponentów |
|
MC14XXXBD Arkusz danych(PDF) 6 Page - Motorola, Inc |
|
MC14XXXBD Arkusz danych(HTML) 6 Page - Motorola, Inc |
6 / 8 page MOTOROLA CMOS LOGIC DATA MC14583B 6 Figure 5. 3–State Switching Time Test Circuit and Waveforms VOL′ and VOH′ refer to the levels present as a result of the 1 k ohm load resistors. * Metal film, ± 1%, 1/4 W or greater CL = 15 pF, which includes test circuit capacitance. Test Switch Position ton HL 1 ton LH 2 toff HL 2 toff LH 1 PULSE GENERATOR 1 PULSE GENERATOR 2 VDD VDD VSS Ain DIS Bin Aout Aout Bout Bout CL 1 k* 1 k* 1 2 SW Ain Bin 3–STATE DISABLE Aout Bout VDD VSS VDD VSS VDD VSS VOH VOL VOH VOL 50% ton LH toff LH toff LH 10% toff HL VOL ton LH 10% 90% VOH′ VOH′ 90% VOH toff LH VOL′ 10% (VOH – VOL′) VOL′ 10% (VOH – VOL′) 90% 90% VOH ton HL VOH′ SWITCH POSITION 2 SWITCH POSITION 1 |
Podobny numer części - MC14XXXBD |
|
Podobny opis - MC14XXXBD |