Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV4060-11 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części MTV4060-11
Szczegółowy opis  Silicon Abrupt Tuning Varactor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MTV4060-11 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MTV4060-11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MTV4060-11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MTV4060-11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MTV4060-11 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MTV4060-11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MTV4060-11 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicon Abrupt Tuning Varactor Diodes
Rev. V1
MTV4060-x Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Series Resistance
 High Q Factor
 Extensive Selection of Capacitance Values
 RoHS* Compliant
Description
The MTV4060 series are available with typical
capacitance at reverse voltage of 4 V from 0.8 pF up
to 15 pF. These silicon varactor diodes offer very
high quality factor for low series resistance, very low
leakage current and wide tuning range.
These
diodes
are
passivated
with
a
high-reliability
passivation for low leakage current and high
reliability. The devices are available as unpackaged
chips or in several package styles.
These rugged devices are capable of reliable
operation in all military, commercial and industrial
applications.
Ideally suited for voltage controlled
oscillators and filters and analog voltage controlled
phase shifters.
The MTV4060 family of silicon abrupt tuning
varactors are capable of meeting the environmental
requirements of MIL-STD-750 and MIL-STD-883.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TC = +25°C
CS37
H20
CS11
CS75
CS85
Part Number
Reverse Voltage
VB
IR = 10 µA
Junction Capacitance1
CJ
VR = 4 V, 1 MHz
Capacitance Ratio
CR
CT0 / CT60
Quality Factor
Q
VR = 4 V, 50 MHz
Minimum
Typical
Minimum
Minimum
MTV4060-01
60
0.8
8
2100
MTV4060-02
60
1.0
8
2100
MTV4060-03
60
1.2
8
2100
MTV4060-04
60
1.4
8
2000
MTV4060-05
60
1.6
8
2000
MTV4060-06
60
1.8
8
2000
MTV4060-07
60
2.2
8
2000
MTV4060-08
60
2.7
8
1900
MTV4060-09
60
3.3
8
1800
MTV4060-10
60
3.6
8
1700
(Continued next page)


Podobny numer części - MTV4060-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MTV4030-01 MA-COM-MTV4030-01 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-02 MA-COM-MTV4030-02 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-03 MA-COM-MTV4030-03 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-04 MA-COM-MTV4030-04 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-05 MA-COM-MTV4030-05 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
More results

Podobny opis - MTV4060-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
logo
Advanced Semiconductor
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com