Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMPN7335-SOT23 Arkusz danych(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Numer części SMPN7335-SOT23
Szczegółowy opis  Low Series Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPN7335-SOT23 Arkusz danych(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  SMPN7335-SOT23 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPN7335-SOT23 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPN7335-SOT23 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPN7335-SOT23 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPN7335-SOT23 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPN7335-SOT23 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PIN Switching Diode
Rev. V1
SMPN7xxx Series
5
5
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Example Part: SMPN7453-SOT23-xx, replace -xx with desired case style suffix
0S
Single
1S
Single
2ST
Series Tee
3CA
Common Anode
4CC
Common Cathode
Ordering Information
Outline Drawing - SOT23
Outline Drawing - SOD323
Lead Material = Alloy 42
Lead Finish = Tin-Lead, 60-40%
Maximum Soldering Temperature = 260°C for 5 sec.
Minimum Lead Strength = 2 pounds pull
Typical Package Inductance = 2 nH
Typical Package Capacitance = 0.10 pF (opposite leads)
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.79
1.02
0.031
0.040
A1
0.02
0.10
0.001
0.004
C
2.67
3.05
0.105
0.120
E
1.80
2.00
0.071
0.079
F
0.38
0.54
0.010
0.021
H
2.10
2.50
0.083
0.098
I
0.13
0.25
0.005
0.010
J
0.089
0.15
0.0035
0.059
K
0.44
0.55
0.017
0.022
Ø
0.0
8.0
0.0
0.0
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.10
0.034
0.043
B
0.10
0.003
0.004
C
0.20
0.006
0.010
D
0.25
0.40
0.010
0.016
E
0.08
0.15
0.003
0.006
F
1.60
1.90
0.063
0.075
G
1.15
1.45
0.045
0.057
H
2.30
2.70
0.094
0.106


Podobny numer części - SMPN7335-SOT23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
logo
Isabellenhütte Heu...
SMP ISABELLENHUETTE-SMP Datasheet
1Mb / 4P
   Precision resistors
logo
List of Unclassifed Man...
SMP-02V-B(N)C ETC2-SMP-02V-B(N)C Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-BC ETC2-SMP-02V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-NC ETC2-SMP-02V-NC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Podobny opis - SMPN7335-SOT23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MGPN MA-COM-MGPN Datasheet
497Kb / 3P
   Low Series Resistance
MA4EXXXX MA-COM-MA4EXXXX Datasheet
660Kb / 7P
   Low Series Resistance
logo
SynQor Worldwide Headqu...
MACF-U-230-ET SYNQOR-MACF-U-230-ET Datasheet
5Mb / 9P
   Very low series resistance
logo
Advanced Power Electron...
AP0903GH-HF A-POWER-AP0903GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
AP0903GM-HF A-POWER-AP0903GM-HF_14 Datasheet
100Kb / 4P
   Low On-resistance
AP9960GM-HF A-POWER-AP9960GM-HF_14 Datasheet
74Kb / 6P
   Low On-Resistance
AP60N03GH A-POWER-AP60N03GH_14 Datasheet
67Kb / 4P
   Low On-Resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Advanced Power Electron...
AP4436GM A-POWER-AP4436GM_14 Datasheet
183Kb / 5P
   Low on-resistance
AP6680AGM-HF A-POWER-AP6680AGM-HF_14 Datasheet
99Kb / 4P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com