Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2007-EVM Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części MC2007-EVM
Szczegółowy opis  Passive Optical Networks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MC2007-EVM Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MC2007-EVM Datasheet HTML 3Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 4Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 5Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2007-EVM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
02007-DSH-002-E
Mindspeed Technologies
®
5
Mindspeed Proprietary and Confidential
2.0 Pin Description
2.1
Pin Description
Table 2-1.
Pin Description
Die Pad No
Name
Function
1, 8
GND
Ground pin. Connect to the most negative supply. Both pins should be used
2DOUT
Non-inverted data output. Differential output with DOUT
3, 6
VCC
Power pin. Connect to most positive supply. Either or both pins may be used
4
PINK
PIN cathode connection. Connect photodiode between this pin and PINA
5
PINA
PIN anode connection. Connect photodiode between this pin and PINK
7DOUT
Inverted data output. Differential output with DOUT
Figure 2-1.
Bare Die Layout


Podobny numer części - MC2007-EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
More results

Podobny opis - MC2007-EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
Bourns Electronic Solut...
4606H-LF BOURNS-4606H-LF Datasheet
67Kb / 1P
   Networks
4606M-LF BOURNS-4606M-LF Datasheet
61Kb / 1P
   Networks
4607H-LF BOURNS-4607H-LF Datasheet
61Kb / 1P
   Networks
4310M-LF BOURNS-4310M-LF Datasheet
66Kb / 1P
   Networks
4310R-LF BOURNS-4310R-LF Datasheet
70Kb / 1P
   Networks
4108T-L BOURNS-4108T-L Datasheet
29Kb / 2P
   Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com