Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC141511A Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC141511A
Szczegółowy opis  LCD Segment Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141511A Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC141511A Datasheet HTML 1Page - Motorola, Inc MC141511A Datasheet HTML 2Page - Motorola, Inc MC141511A Datasheet HTML 3Page - Motorola, Inc MC141511A Datasheet HTML 4Page - Motorola, Inc MC141511A Datasheet HTML 5Page - Motorola, Inc MC141511A Datasheet HTML 6Page - Motorola, Inc MC141511A Datasheet HTML 7Page - Motorola, Inc MC141511A Datasheet HTML 8Page - Motorola, Inc MC141511A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3–19
MC141511A
MOTOROLA
LCD Segment Driver
CMOS
The MC141511A is an LCD frontplane (segment) driver chip which in-
cludes a 656 x 8 display RAM. The MC68HC05L10 microcomputer is the
companion device which provides the backplane drive.
The MC68HC05L10, together with one MC141511A, may be used to
drive a 5248-pixel muxed-by-41 display or a 4096-pixel muxed-by-32 dis-
play. Larger displays may be driven by adding additional MC141511A.
The MC141511A is a low operating voltage version of MC141511. It is
pin to pin compatible to the MC141511.
See Application Note AN-HK-13A.
• Operating Supply Voltage Range -
Control Logic, RAM, and Latch (VDD Pin): 2.7V to 5.5V
Frontplane Drivers (VLCD Pin): 4.5V to 13.2V
• Operating Temperature Range: -20 to 70˚C
• Direct Interface with the MC68HC05L10
• 656 x 8 Static RAM (Display RAM)
• 128 LCD Segment (Frontplane) Driving Signals
• 10-Bit Address Bus and 8-Bit Bidirectional Data Bus
• Selectable 1:32 or 1:41 Multiplex Ratios
• Available in Two Forms:
TAB (Tape Automated Bonding), 161 Contacts, 10 sprocket hole device
Die Form Without Gold Bumps, 159 Pads with 4.5 mil Pads Pitch
Display RAM
LCD DATA LATCH
SEGMENT DRIVER
A0-A9
D0-D7
VLCD
VSEGH
VSEGL
VSS
R/W
BPCLK
CE
LRS
PHI2
BPSYNC
DRIVER OUTPUTS
MS
VDD
LEVEL
SELECTOR
BLOCK DIAGRAM
MC141511A
MC141511AT2
TAB
MCC141511A
DIE
ORDERING INFORMATION
MCC141511A
BARE DIE
MC141511AT2
TAB
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
REV 3
10/96


Podobny numer części - MC141511A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC141510 NXP-MC141510 Datasheet
9Mb / 126P
   8-Bit Microcontroller
More results

Podobny opis - MC141511A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
BU9794AKV ROHM-BU9794AKV Datasheet
1Mb / 26P
   Standard LCD Segment Driver
BU9796AFS-E2 ROHM-BU9796AFS-E2 Datasheet
682Kb / 32P
   Standard LCD Segment Driver
BU9799KV ROHM-BU9799KV Datasheet
709Kb / 28P
   Standard LCD Segment Driver
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU9729K ROHM-BU9729K Datasheet
146Kb / 12P
   Segment-type LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com