Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145167DW Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC145167DW
Szczegółowy opis  Dual PLLs for 46/49 Mhz Cordless Telephones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145167DW Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC145167DW Datasheet HTML 1Page - Motorola, Inc MC145167DW Datasheet HTML 2Page - Motorola, Inc MC145167DW Datasheet HTML 3Page - Motorola, Inc MC145167DW Datasheet HTML 4Page - Motorola, Inc MC145167DW Datasheet HTML 5Page - Motorola, Inc MC145167DW Datasheet HTML 6Page - Motorola, Inc MC145167DW Datasheet HTML 7Page - Motorola, Inc MC145167DW Datasheet HTML 8Page - Motorola, Inc MC145167DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC145166
•MC145167
MOTOROLA
4
SWITCHING CHARACTERISTICS (TA = 25°C, CL = 50 pF)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH
Output Rise Time
1, 5
3.0
5.0
200
100
ns
tTHL
Output Fall Time
1, 5
3.0
5.0
200
100
ns
tr, tf
Input Rise and Fall Time, OSCin
2
3.0
5.0
5.0
4.0
µs
fmax
Input Frequency
OSCin
Input = Sine Wave 200 mV p–p
fin1
fin2
3.0 – 5.0
3.0 – 5.0
3.0 – 5.0
12
60
60
MHz
tsu
Setup Time (MC145167)
DATA to CLK
3
3.0
5.0
100
50
ns
ENB to CLK
3.0
5.0
200
100
th
Hold Time (MC145167), CLK to DATA
3
3.0
5.0
80
40
ns
trec
Recovery Time (MC145167), ENB to CLK
3
3.0
5.0
80
40
ns
tw
Input Pulse Width (MC145167), CLK and ENB
4
3.0
5.0
80
60
ns


Podobny numer części - MC145167DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162-1 MOTOROLA-MC145162-1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results

Podobny opis - MC145167DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145168 MOTOROLA-MC145168 Datasheet
45Kb / 2P
   Dual PLLs For 46/49 Mhz Cordless Telephones
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Nippon Precision Circui...
SM5132 NPC-SM5132 Datasheet
219Kb / 6P
   Two PLLs for Cordless Telephons
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com