Zakładka z wyszukiwarką danych komponentów |
|
LM4040EIM3-3.0 Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM4040EIM3-3.0 Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
2 / 30 page Ordering Information Industrial Temperature Range (−40˚C to +85˚C) Reverse Breakdown Voltage Tolerance at 25˚C and Average Reverse Breakdown Voltage Temperature Coefficient Package NS Package Number M3 (SOT-23) M7 (SC70) Z (TO-92) Supplied as 1000 Units Tape and Reel Supplied as 3000 Units tape and Reel Supplied as 1000 Units Tape and Reel Supplied as 3000 Units Tape and Reel ±0.1%, 100 ppm/˚C max (A grade) LM4040AIM3-2.0 LM4040AIM3-2.5 LM4040AIM3-3.0 LM4040AIM3-4.1 LM4040AIM3-5.0 LM4040AIM3-8.2 LM4040AIM3-10.0 LM4040AIM3X-2.0 LM4040AIM3X-2.5 LM4040AIM3X-3.0 LM4040AIM3X-4.1 LM4040AIM3X-5.0 LM4040AIM3X-8.2 LM4040AIM3X-10.0 LM4040AIZ-2.0 LM4040AIZ-2.5 LM4040AIZ-3.0 LM4040AIZ-4.1 LM4040AIZ-5.0 LM4040AIZ-8.2 LM4040AIZ-10.0 MF03A, Z03A ±0.2%, 100 ppm/˚C max (B grade) LM4040BIM3-2.0 LM4040BIM3-2.5 LM4040BIM3-3.0 LM4040BIM3-4.1 LM4040BIM3-5.0 LM4040BIM3-8.2 LM4040BIM3-10.0 LM4040BIM3X-2.0 LM4040BIM3X-2.5 LM4040BIM3X-3.0 LM4040BIM3X-4.1 LM4040BIM3X-5.0 LM4040BIM3X-8.2 LM4040BIM3X-10.0 LM4040BIM7-2.0 LM4040BIM7-2.5 LM4040BIM7-3.0 LM4040BIM7-4.1 LM4040BIM7-5.0 LM4040BIM7X-2.0 LM4040BIM7X-2.5 LM4040BIM7X-3.0 LM4040BIM7X-4.1 LM4040BIM7X-5.0 LM4040BIZ-2.0 LM4040BIZ-2.5 LM4040BIZ-3.0 LM4040BIZ-4.1 LM4040BIZ-5.0 LM4040BIZ-8.2 LM4040BIZ-10.0 MF03A, Z03A, MAA05A ±0.5%, 100 ppm/˚C max (C grade) LM4040CIM3-2.0 LM4040CIM3-2.5 LM4040CIM3-3.0 LM4040CIM3-4.1 LM4040CIM3-5.0 LM4040CIM3-8.2 LM4040CIM3-10.0 LM4040CIM3X-2.0 LM4040CIM3X-2.5 LM4040CIM3X-3.0 LM4040CIM3X-4.1 LM4040CIM3X-5.0 LM4040CIM3X-8.2 LM4040CIM3X-10.0 LM4040CIM7-2.0 LM4040CIM7-2.5 LM4040CIM7-3.0 LM4040CIM7-4.1 LM4040CIM7-5.0 LM4040CIM7X-2.0 LM4040CIM7X-2.5 LM4040CIM7X-3.0 LM4040CIM7X-4.1 LM4040CIM7X-5.0 LM4040CIZ-2.0 LM4040CIZ-2.5 LM4040CIZ-3.0 LM4040CIZ-4.1 LM4040CIZ-5.0 LM4040CIZ-8.2 LM4040CIZ-10.0 MF03A, Z03A, MAA05A ±1.0%, 150 ppm/˚C max (D grade) LM4040DIM3-2.0 LM4040DIM3-2.5 LM4040DIM3-3.0 LM4040DIM3-4.1 LM4040DIM3-5.0 LM4040DIM3-8.2 LM4040DIM3-10.0 LM4040DIM3X-2.0 LM4040DIM3X-2.5 LM4040DIM3X-3.0 LM4040DIM3X-4.1 LM4040DIM3X-5.0 LM4040DIM3X-8.2 LM4040DIM3X-10.0 LM4040DIM7-2.0 LM4040DIM7-2.5 LM4040DIM7-3.0 LM4040DIM7-4.1 LM4040DIM7-5.0 LM4040DIM7X-2.0 LM4040DIM7X-2.5 LM4040DIM7X-3.0 LM4040DIM7X-4.1 LM4040DIM7X-5.0 LM4040DIZ-2.0 LM4040DIZ-2.5 LM4040DIZ-3.0 LM4040DIZ-4.1 LM4040DIZ-5.0 LM4040DIZ-8.2 LM4040DIZ-10.0 MF03A, Z03A, MAA05A ±2.0%, 150 ppm/˚C max (E grade) LM4040EIM3-2.0 LM4040EIM3-2.5 LM4040EIM3-3.0 LM4040EIM3X-2.0 LM4040EIM3X-2.5 LM4040EIM3X-3.0 LM4040EIM7-2.0 LM4040EIM7-2.5 LM4040EIM7-3.0 LM4040EIM7X-2.0 LM4040EIM7X-2.5 LM4040EIM7X-3.0 LM4040EIZ-2.0 LM4040EIZ-2.5 LM4040EIZ-3.0 MF03A, Z03A, MAA05A www.national.com 2 |
Podobny numer części - LM4040EIM3-3.0 |
|
Podobny opis - LM4040EIM3-3.0 |