Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4420 Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI4420
Szczegółowy opis  No alignment required in production
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4420 Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI4420 Datasheet HTML 1Page - Silicon Laboratories SI4420 Datasheet HTML 2Page - Silicon Laboratories SI4420 Datasheet HTML 3Page - Silicon Laboratories SI4420 Datasheet HTML 4Page - Silicon Laboratories SI4420 Datasheet HTML 5Page - Silicon Laboratories SI4420 Datasheet HTML 6Page - Silicon Laboratories SI4420 Datasheet HTML 7Page - Silicon Laboratories SI4420 Datasheet HTML 8Page - Silicon Laboratories SI4420 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Si4420
5
Typical Application
Typical application with FIFO usage
C2
100p
C3
10p
X1
10MHz
C1
1u
Si4420
1
3
4
2
5
7
6
8
9
10
11
12
13
14
15
16
VCC
SCK
SDO
nIRQ
P4
P3
P1
P2
SDI
CLKin
nSEL
nFFS
FFIT
nRES
PCB
Antenna
P5
P6
P7
nRES
C4
2.2n
P0
CLK
(optional)
TP
(optional)
(optional)
(optional)
(optional)
(optional)
VDI
Pin 6
Pin 7
Transmit mode
TX Data input
-
el=0 in Configuration Setting Command
Transmit mode
Connect to logic
high
-
el=1 in Configuration Setting Command
Receive mode
RX Data output
RX Data clock
output
ef=0 in Configuration Setting Command
Receive mode
nFFS input
FFIT output
ef=1 in Configuration Setting Command


Podobny numer części - SI4420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
SI4420-D1-FTR ETC2-SI4420-D1-FTR Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
logo
Vishay Siliconix
SI4420BDY VISHAY-SI4420BDY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
SI4420BDY VISHAY-SI4420BDY Datasheet
103Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Jun-06
SI4420BDY VISHAY-SI4420BDY Datasheet
186Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 02-Mar-09
More results

Podobny opis - SI4420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com