Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4438 Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI4438
Szczegółowy opis  Low active power consumption
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4438 Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI4438 Datasheet HTML 4Page - Silicon Laboratories SI4438 Datasheet HTML 5Page - Silicon Laboratories SI4438 Datasheet HTML 6Page - Silicon Laboratories SI4438 Datasheet HTML 7Page - Silicon Laboratories SI4438 Datasheet HTML 8Page - Silicon Laboratories SI4438 Datasheet HTML 9Page - Silicon Laboratories SI4438 Datasheet HTML 10Page - Silicon Laboratories SI4438 Datasheet HTML 11Page - Silicon Laboratories SI4438 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Si4438
8
Rev 1.0
Table 5. Auxiliary Block Specifications1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Sensor
Sensitivity
TSS
4.5
ADC
Codes/
°C
Low Battery Detector
Resolution
LBDRES
—50
mV
Microcontroller Clock
Output Frequency Range2
FMC
Configurable to Fxtal or Fxtal
divided by 2, 3, 7.5, 10, 15, or
30 where Fxtal is the reference
XTAL frequency. In addition,
32.768 kHz is also supported.
32.768K
Fxtal
Hz
Temperature Sensor
Conversion
TEMPCT
Programmable setting
3
ms
XTAL Range3
XTALRange
25
32
MHz
30 MHz XTAL Start-Up Time
t30M
Using XTAL and board layout in
reference design. Start-up time
will vary with XTAL type and
board layout.
250
µs
30 MHz XTAL Cap
Resolution
30MRES
—70
fF
32 kHz XTAL Start-Up Time
t32k
—2
sec
32 kHz Accuracy using
Internal RC Oscillator
32KRCRES
2500
ppm
POR Reset Time
tPOR
——
5
ms
Notes:
1.
All minimum and maximum values are guaranteed by production test unless otherwise stated. All typical values apply at
VDD = 3.3 V and 25 °C unless otherwise stated.
2.
Microcontroller clock frequency tested in production at 1 MHz, 30 MHz and 32.768 kHz. Other frequencies tested in
bench characterization.
3.
XTAL Range tested in production using an external clock source (similar to using a TCXO).


Podobny numer części - SI4438

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si4438 SILABS-Si4438 Datasheet
1Mb / 44P
   Low active power consumption
SI4438-C SILABS-SI4438-C Datasheet
1Mb / 44P
   Low active power consumption
SI4438-C2A SILABS-SI4438-C2A Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Vishay Siliconix
SI4438DY VISHAY-SI4438DY Datasheet
101Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Podobny opis - SI4438

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4438-C SILABS-SI4438-C Datasheet
1Mb / 44P
   Low active power consumption
logo
ATMEL Corporation
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com