Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si4468 Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części Si4468
Szczegółowy opis  Highly configurable packet handler
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4468 Arkusz danych(HTML) 4 Page - Silicon Laboratories

  Si4468 Datasheet HTML 1Page - Silicon Laboratories Si4468 Datasheet HTML 2Page - Silicon Laboratories Si4468 Datasheet HTML 3Page - Silicon Laboratories Si4468 Datasheet HTML 4Page - Silicon Laboratories Si4468 Datasheet HTML 5Page - Silicon Laboratories Si4468 Datasheet HTML 6Page - Silicon Laboratories Si4468 Datasheet HTML 7Page - Silicon Laboratories Si4468 Datasheet HTML 8Page - Silicon Laboratories Si4468 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Si4468/7
4
Rev 1.0
1. Electrical Specifications
Table 1. DC Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
VDD
1.8
3.3
3.8
V
Power Saving Modes IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
30
1300
nA
IStandby
Register values maintained and RC
oscillator/WUT OFF
40
2900
nA
ISleepRC RC Oscillator/WUT ON and all register values main-
tained, and all other blocks OFF
740 3800
nA
ISleepXO
Sleep current using an external 32 kHz crystal
1.7
µA
ISensor
-LBD
Low battery detector ON, register values maintained,
and all other blocks OFF
—1—
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF
—1.8
mA
Preamble Sense
Mode Current
Ipsm
Duty cycling during preamble search,
1.2 kbps, 4 byte preamble (no sensitivity degradation)
—6—
mA
Ipsm
Fixed 1 s wakeup interval, 50 kbps, 5 byte preamble
10
µA
TUNE Mode Current
ITune_RX
RX Tune, High Performance Mode
7.6
mA
ITune_TX
TX Tune, High Performance Mode
7.8
mA
RX Mode Current
IRXH
High Performance Mode
Measured at 915 MHz and 40 kbps data rate.
—13.7
22
mA
IRXL
Low Power Mode Measured at 315 MHz and 40 kbps
data
—10.9—
mA
TX Mode Current
(Si4468)
ITX_+20
+20 dBm output power, Class-E match,
915 MHz, 3.3 V
—88
108
mA
+20 dBm output power, square-wave match,
169 MHz, 3.3 V
—68.5
80
mA
+13 dBm output power, Class-E match,
915 MHz, 3.3 V
—44.5
60
mA
TX Mode Current
(Si4467)
ITX_+10
+10 dBm output power, Class-E match,
915/868 MHz, 3.3 V2
—19.7—
mA
ITX_+10
+10 dBm output power, Class-E match,
169 MHz, 3.3 V2
—18—
mA
ITX_+13
+13 dBm output power, Class-E match,
915/868 MHz, 3.3 V
—24—
mA
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
Measured on direct tie RF evaluation board.


Podobny numer części - Si4468

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4468 SILABS-SI4468 Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4468-A2A-IM SILABS-SI4468-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Podobny opis - Si4468

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com