Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA204S-800B Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BTA204S-800B
Szczegółowy opis  Three quadrant triacs high commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204S-800B Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BTA204S-800B Datasheet HTML 1Page - NXP Semiconductors BTA204S-800B Datasheet HTML 2Page - NXP Semiconductors BTA204S-800B Datasheet HTML 3Page - NXP Semiconductors BTA204S-800B Datasheet HTML 4Page - NXP Semiconductors BTA204S-800B Datasheet HTML 5Page - NXP Semiconductors BTA204S-800B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA204S series B and C
high commutation
BTA204M series B and C
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BTA204
Tj / C
T2+ G+
T2+ G-
T2- G-
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
BT136
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.27 V
Rs = 0.091 ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
BT136
tp / s
Zth j-mb (K/W)
unidirectional
bidirectional
t
p
P
t
D
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
December 1998
4
Rev 1.000


Podobny numer części - BTA204S-800B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA204S-800B NXP-BTA204S-800B Datasheet
87Kb / 13P
   Three-quadrant triacs high commutation
Rev. 03-24 May 2005
logo
WeEn Semiconductors
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
More results

Podobny opis - BTA204S-800B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com