Zakładka z wyszukiwarką danych komponentów |
|
CD45SL2GA330J-NKA Arkusz danych(PDF) 1 Page - TDK Electronics |
|
CD45SL2GA330J-NKA Arkusz danych(HTML) 1 Page - TDK Electronics |
1 / 2 page Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors) 1 of 2 Creation Date : January 23, 2017 (GMT) CD45SL2GA330J-NKA Applications Commercial Grade Feature Mid Mid Voltage (100 to 630V) Safety Safety Standard Approved Halogen-free Halogen-free Series CD45 Status Production Size Diameter(D) 7.00mm Max. Thickness(T) 6.00mm Max. Lead Gap(F) 10.00mm +2.00,-1.00mm Lead Diameter(d) 0.60mm ±0.05mm Electrical Characteristics Capacitance 33pF ±5% Rated Voltage 400VAC Withstanding Voltage 4kVAC Temperature Characteristic SL(0+350,-1000ppm/°C) Q (Min.) Insulation Resistance (Min.) 10000MΩ Other Soldering Method Flow Iron Soldering Lead Length / Package Type 5mm for Bulk AEC-Q200 No Package Quantity 1000pcs ! Images are for reference only and show exemplary products. ! This PDF document was created based on the data listed on the TDK Corporation website. ! All specifications are subject to change without notice. Copyright(c) TDK Corporation. All rights reserved. |
Podobny numer części - CD45SL2GA330J-NKA |
|
Podobny opis - CD45SL2GA330J-NKA |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |