Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD45SL2GA470J-NKA Arkusz danych(PDF) 1 Page - TDK Electronics

Numer części CD45SL2GA470J-NKA
Szczegółowy opis  Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CD45SL2GA470J-NKA Arkusz danych(HTML) 1 Page - TDK Electronics

  CD45SL2GA470J-NKA Datasheet HTML 1Page - TDK Electronics CD45SL2GA470J-NKA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
1 of 2
Creation Date : January 23, 2017 (GMT)
CD45SL2GA470J-NKA
Applications
Commercial Grade
Feature
Mid
Mid Voltage (100 to 630V)
Safety
Safety Standard Approved
Halogen-free
Halogen-free
Series
CD45
Status
Production
Size
Diameter(D)
8.00mm Max.
Thickness(T)
6.00mm Max.
Lead Gap(F)
10.00mm +2.00,-1.00mm
Lead Diameter(d)
0.60mm ±0.05mm
Electrical Characteristics
Capacitance
47pF ±5%
Rated Voltage
400VAC
Withstanding Voltage
4kVAC
Temperature Characteristic
SL(0+350,-1000ppm/°C)
Q (Min.)
Insulation Resistance (Min.)
10000MΩ
Other
Soldering Method
Flow
Iron Soldering
Lead Length / Package Type
5mm for Bulk
AEC-Q200
No
Package Quantity
1000pcs
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Podobny numer części - CD45SL2GA470J-NKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45SL2GA470J-VKA TDK-CD45SL2GA470J-VKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Podobny opis - CD45SL2GA470J-NKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAGRA TDK-CK45-R3AD151KAGRA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD221KAVRA TDK-CK45-R3AD221KAVRA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD471KAGRA TDK-CK45-R3AD471KAGRA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD101KYNNA TDK-CK45-B3AD101KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD151KYNNA TDK-CK45-B3AD151KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD221KYVNA TDK-CK45-B3AD221KYVNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD332KYVNA TDK-CK45-B3AD332KYVNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com