Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848CDW1 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części BC848CDW1
Szczegółowy opis  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CDW1 Arkusz danych(HTML) 3 Page - ON Semiconductor

  BC848CDW1 Datasheet HTML 1Page - ON Semiconductor BC848CDW1 Datasheet HTML 2Page - ON Semiconductor BC848CDW1 Datasheet HTML 3Page - ON Semiconductor BC848CDW1 Datasheet HTML 4Page - ON Semiconductor BC848CDW1 Datasheet HTML 5Page - ON Semiconductor BC848CDW1 Datasheet HTML 6Page - ON Semiconductor BC848CDW1 Datasheet HTML 7Page - ON Semiconductor BC848CDW1 Datasheet HTML 8Page - ON Semiconductor BC848CDW1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BC846BDW1, BC847BDW1, BC848CDW1
www.onsemi.com
3
TYPICAL CHARACTERISTICS − BC846BDW1
0
100
200
300
400
500
600
0.001
0.01
0.1
1
IC, COLLECTOR CURRENT (A)
Figure 1. DC Current Gain at VCE = 5 V
VCE = 5 V
150
°C
25
°C
−55
°C
0
100
200
300
400
500
600
0.001
0.01
0.1
1
VCE = 10 V
150
°C
25
°C
−55
°C
IC, COLLECTOR CURRENT (A)
Figure 2. DC Current Gain at VCE = 10 V
0.00
0.05
0.10
0.15
0.20
0.25
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 3. VCE(sat) at IC/IB = 10
150
°C
25
°C
−55
°C
IC/IB = 10
0
0.05
0.1
0.15
0.2
0.25
0.3
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 4. VCE(sat) at IC/IB = 20
IC/IB = 20
150
°C
−55
°C
25
°C
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 5. VBE(sat) at IC/IB = 10
IC/IB = 10
150
°C
25
°C
−55
°C
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 6. VBE(sat) at IC/IB = 20
IC/IB = 20
150
°C
25
°C
−55
°C


Podobny numer części - BC848CDW1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC848CDW1T1 ONSEMI-BC848CDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC848CDW1T1 ETL-BC848CDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC848CDW1T1G ONSEMI-BC848CDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC848CDW1T1G ONSEMI-BC848CDW1T1G Datasheet
144Kb / 11P
   Dual General Purpose Transistors
September, 2012 ??Rev. 9
More results

Podobny opis - BC848CDW1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com