Zakładka z wyszukiwarką danych komponentów |
|
BTA204XD Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
BTA204XD Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 7 page Philips Semiconductors Product specification Three quadrant triacs BTA204X series D, E and F guaranteed commutation GENERAL DESCRIPTION QUICK REFERENCE DATA Passivated guaranteed commutation SYMBOL PARAMETER MAX. MAX. MAX. UNIT triacs in a plastic full pack envelope, intended for use in motor control BTA204X- 500D 600D - circuits or with other highly inductive BTA204X- 500E 600E 800E loads. These devices balance the BTA204X- 500F 600F 800F requirements of commutation V DRM Repetitive peak 500 600 800 V performance and gate sensitivity. The off-state voltages "sensitive gate" E series and "logic I T(RMS) RMS on-state current 4 4 4 A level" D series are intended for I TSM Non-repetitive peak on-state 25 25 25 A interfacing with low power drivers, current including micro controllers. PINNING - SOT186A PIN CONFIGURATION SYMBOL PIN DESCRIPTION 1 main terminal 1 2 main terminal 2 3 gate case isolated LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT -500 -600 -800 V DRM Repetitive peak off-state - 500 1 600 1 800 V voltages I T(RMS) RMS on-state current full sine wave; - 4 A T hs ≤ 92 ˚C I TSM Non-repetitive peak full sine wave; on-state current T j = 25 ˚C prior to surge t = 20 ms - 25 A t = 16.7 ms - 27 A I 2tI2t for fusing t = 10 ms - 3.1 A 2s dI T/dt Repetitive rate of rise of I TM = 6 A; IG = 0.2 A; 100 A/ µs on-state current after dI G/dt = 0.2 A/µs triggering I GM Peak gate current - 2 A V GM Peak gate voltage - 5 V P GM Peak gate power - 5 W P G(AV) Average gate power over any 20 ms - 0.5 W period T stg Storage temperature -40 150 ˚C T j Operating junction - 125 ˚C temperature T1 T2 G 12 3 case 1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 6 A/ µs. December 1998 1 Rev 1.000 |
Podobny numer części - BTA204XD |
|
Podobny opis - BTA204XD |