Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI863X Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI863X
Szczegółowy opis  Industrial automation systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI863X Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI863X Datasheet HTML 7Page - Silicon Laboratories SI863X Datasheet HTML 8Page - Silicon Laboratories SI863X Datasheet HTML 9Page - Silicon Laboratories SI863X Datasheet HTML 10Page - Silicon Laboratories SI863X Datasheet HTML 11Page - Silicon Laboratories SI863X Datasheet HTML 12Page - Silicon Laboratories SI863X Datasheet HTML 13Page - Silicon Laboratories SI863X Datasheet HTML 14Page - Silicon Laboratories SI863X Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
All Models
Output Rise Time
tr
CL = 15 pF
See Figure 4.2 Propagation
Delay Timing on page 11
2.5
4.0
ns
Output Fall Time
tf
CL = 15 pF
See Figure 4.2 Propagation
Delay Timing on page 11
2.5
4.0
ns
Peak Eye Diagram Jitter
tJIT(PK)
See Figure 2.3 Eye Diagram
on page 3
350
ps
Common Mode Transient Immunity
Si86xxxB/C/D
Si86xxxT
CMTI
VI = VDD or 0 V
VCM = 1500 V
See Figure 4.3 Common-
Mode Transient Immunity Test
Circuit on page 11
35
60
50
100
kV/µs
Enable to Data Valid
ten1
See Figure 4.1 ENABLE Tim-
ing Diagram on page 11
6.0
11
ns
Enable to Data Tri-State
ten2
See Figure 4.1 ENABLE Tim-
ing Diagram on page 11
8.0
12
ns
Input power loss to valid default output
tSD
See Figure 3.1 Device Behav-
ior during Normal Operation
on page 6
8.0
12
ns
Start-up Time 4
tSU
15
40
µs
Note:
1. VDD1 = 5 V ±10%; VDD2 = 5 V ±10%, TA = –40 to 125 °C
2. The nominal output impedance of an isolator driver channel is approximately 50 Ω, ±40%, which is a combination of the value of
the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission
line effects will be a factor, output pins should be appropriately terminated with controlled-impedance PCB traces.
3. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same
supply voltages, load, and ambient temperature.
4. Start-up time is the time period from the application of power to the appearance of valid data at the output.
Si8630/31/35 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.8 | 10


Podobny numer części - SI863X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
SI8630 SILABS-SI8630 Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Silicon Laboratories
SI8630AB-AS SILABS-SI8630AB-AS Datasheet
633Kb / 47P
   Si86xx 1 Mbps Data Sheet
Rev. 1.03
logo
Skyworks Solutions Inc.
SI8630AB-AS SKYWORKS-SI8630AB-AS Datasheet
664Kb / 47P
   1 Mbps, 2.5 kVRMS Digital Isolators
Revision 1.03
More results

Podobny opis - SI863X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
   Industrial Systems ARM
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
   Industrial Systems x86
AMOS-3003 VIA-AMOS-3003 Datasheet
500Kb / 3P
   Industrial Systems x86
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com