Zakładka z wyszukiwarką danych komponentów |
|
Si82390BD-IS Arkusz danych(PDF) 2 Page - Silicon Laboratories |
|
Si82390BD-IS Arkusz danych(HTML) 2 Page - Silicon Laboratories |
2 / 38 page 1. Ordering Guide Table 1.1. Si8239x Ordering Guide Ordering Part Number Configuration Output UVLO Enhanced UVLO UVLO Status Pin Delayed Startup Time Dead-Time Setting Deglitch Package Type Isolation Rating Available Now Si82390AD-IS Dual, VIA, VIB 6 V Yes Yes Yes N/A No SOIC-16 WB 5 kVrms Si82390BD-IS Dual, VIA, VIB 8 V Yes Yes Yes N/A No SOIC-16 WB 5 kVrms Si82390CD-IS Dual, VIA, VIB 12 V Yes Yes Yes N/A No SOIC-16 WB 5 kVrms Si82395AD-IS Dual, VIA, VIB 6 V No Yes Yes N/A No SOIC-16 WB 5 kVrms Si82395BD-IS Dual, VIA, VIB 8 V No Yes Yes N/A No SOIC-16 WB 5 kVrms Si82395CD-IS Dual, VIA, VIB 12 V No Yes Yes N/A No SOIC-16 WB 5 kVrms Si82397AD-IS Dual, VIA, VIB 6 V No No Yes N/A No SOIC-16 WB 5 kVrms Si82397BD-IS Dual, VIA, VIB 8 V No No Yes N/A No SOIC-16 WB 5 kVrms Si82397CD-IS Dual, VIA, VIB 12 V No No Yes N/A No SOIC-16 WB 5 kVrms Si82391AD-IS Dual, VIA, VIB 6 V Yes Yes No N/A No SOIC-16 WB 5 kVrms Si82391BD-IS Dual, VIA, VIB 8 V Yes Yes No N/A No SOIC-16 WB 5 kVrms Si82391CD-IS Dual, VIA, VIB 12 V Yes Yes No N/A No SOIC-16 WB 5 kVrms Si82393CD-IS HS/LS, VIA/VIB 12 V Yes Yes No N/A Yes SOIC-16 WB 5 kVrms Si82396AD-IS Dual, VIA, VIB 6 V No Yes No N/A No SOIC-16 WB 5 kVrms Si82396BD-IS Dual, VIA, VIB 8 V No Yes No N/A No SOIC-16 WB 5 kVrms Si82396CD-IS Dual, VIA, VIB 12 V No Yes No N/A No SOIC-16 WB 5 kVrms Si82394AD-IS HS/LS, PWM 6 V No Yes Yes 10–200 ns No SOIC-16 WB 5 kVrms Si82394BD-IS HS/LS, PWM 8 V No Yes Yes 10–200 ns No SOIC-16 WB 5 kVrms Si82394CD-IS HS/LS, PWM 12 V No Yes Yes 10–200 ns No SOIC-16 WB 5 kVrms Si82398AD-IS HS/LS, PWM 6 V No Yes No 10–200 ns No SOIC-16 WB 5 kVrms Si82398BD-IS HS/LS, PWM 8 V No Yes No 10–200 ns No SOIC-16 WB 5 kVrms Si82398CD-IS HS/LS, PWM 12 V No Yes No 10–200 ns No SOIC-16 WB 5 kVrms Si82390AB-IS1 Dual, VIA, VIB 6 V Yes Yes Yes N/A No SOIC-16 NB 2.5 kVrms Si82390BB-IS1 Dual, VIA, VIB 8 V Yes Yes Yes N/A No SOIC-16 NB 2.5 kVrms Si82390CB-IS1 Dual, VIA, VIB 12 V Yes Yes Yes N/A No SOIC-16 NB 2.5 kVrms Si82392BB-IS1 HS/LS, VIA/VIB 8 V No Yes No N/A No SOIC-16 NB 2.5 kVrms Si82395AB-IS1 Dual, VIA, VIB 6 V No Yes Yes N/A No SOIC-16 NB 2.5 kVrms Si82395BB-IS1 Dual, VIA, VIB 8 V No Yes Yes N/A No SOIC-16 NB 2.5 kVrms Si8239x Data Sheet Ordering Guide silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 1 |
Podobny numer części - Si82390BD-IS |
|
Podobny opis - Si82390BD-IS |