Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI52131-A11A Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI52131-A11A
Szczegółowy opis  No termination resistors required
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52131-A11A Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI52131-A11A Datasheet HTML 1Page - Silicon Laboratories SI52131-A11A Datasheet HTML 2Page - Silicon Laboratories SI52131-A11A Datasheet HTML 3Page - Silicon Laboratories SI52131-A11A Datasheet HTML 4Page - Silicon Laboratories SI52131-A11A Datasheet HTML 5Page - Silicon Laboratories SI52131-A11A Datasheet HTML 6Page - Silicon Laboratories SI52131-A11A Datasheet HTML 7Page - Silicon Laboratories SI52131-A11A Datasheet HTML 8Page - Silicon Laboratories SI52131-A11A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Si52131-A11A
Rev 1.0
5
Table 2. AC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VDD/2
47
53
%
CLKIN Rise/Fall Slew Rate
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle to Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
35
µA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
µA
DIFF at 0.7 V
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Cycle to Cycle Jitter
TCCJ
Measured at 0 V differential
35
50
ps
PCIe Gen 1 Pk-Pk Jitter
Pk-Pk
PCIe Gen 1
0
40
86
ps
PCIe Gen 2 Phase Jitter
RMSGEN2
10 kHz < F < 1.5 MHz
0
2
3.0
ps
1.5 MHz < F < Nyquist
0
2
3.1
ps
PCIe Gen 3 Phase Jitter
RMSGEN3
Includes PLL BW 2–4 MHz,
CDR = 10 MHz
00.5
1.0ps
Long Term Accuracy
LACC
Measured at 0 V differential
100
ppm
Rise/Fall Slew Rate
TR/TF
Measured differentially from
±150 mV
1—
8
V/ns
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Spread Range
SPR-2
Down spread
–0.5
%
Modulation Frequency
FMOD
30
31.5
33
kHz
REF at 3.3 V
Duty Cycle
TDC
Measurement at 1.5 V
45
55
%
Rise/Fall Slew Rate
TR / TF
Measured between 0.8 and 2.0 V
1.0
4.0
V/ns
Cycle to Cycle Jitter
TCCJ
Measurement at 1.5 V
300
ps
Long Term Accuracy
LACC
Measured at 1.5 V
100
ppm
Enable/Disable and Setup
Clock Stabilization from Power-up
TSTABLE
——
1.8
ms
Stopclock Setup Time
TSS
10.0
ns
Note: Visit www.pcisig.com for complete PCIe specifications.


Podobny numer części - SI52131-A11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI52131-A11A SKYWORKS-SI52131-A11A Datasheet
1,004Kb / 19P
   PCI-EXPRESS GEN1, GEN2, & GEN3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK & ACTIVE LOW-OE PINS
Rev. 1.0
SI52131-A11AGM SKYWORKS-SI52131-A11AGM Datasheet
1,004Kb / 19P
   PCI-EXPRESS GEN1, GEN2, & GEN3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK & ACTIVE LOW-OE PINS
Rev. 1.0
SI52131-A11AGMR SKYWORKS-SI52131-A11AGMR Datasheet
1,004Kb / 19P
   PCI-EXPRESS GEN1, GEN2, & GEN3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK & ACTIVE LOW-OE PINS
Rev. 1.0
More results

Podobny opis - SI52131-A11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SynQor Worldwide Headqu...
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
   No firmware development required
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
   No heatsink preheating required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
   No external matching required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com