Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI53112-A03A Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI53112-A03A
Szczegółowy opis  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53112-A03A Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI53112-A03A Datasheet HTML 2Page - Silicon Laboratories SI53112-A03A Datasheet HTML 3Page - Silicon Laboratories SI53112-A03A Datasheet HTML 4Page - Silicon Laboratories SI53112-A03A Datasheet HTML 5Page - Silicon Laboratories SI53112-A03A Datasheet HTML 6Page - Silicon Laboratories SI53112-A03A Datasheet HTML 7Page - Silicon Laboratories SI53112-A03A Datasheet HTML 8Page - Silicon Laboratories SI53112-A03A Datasheet HTML 9Page - Silicon Laboratories SI53112-A03A Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Si53112-A03A
6
Rev. 1.0
Table 4. Phase Jitter
Parameter
Test Condition
Min
Typ
Max
Unit
Phase Jitter
PLL Mode
PCIe Gen 1, Common Clock1,2,3
—29
86
ps
PCIe Gen 2 Low Band, Common Clock
F < 1.5 MHz1,3,4,5
2.0
3.0
ps
(RMS)
PCIe Gen 2 High Band, Common Clock
1.5 MHz < F < Nyquist1,3,4,5
1.9
3.1
ps
(RMS)
PCIe Gen 3, Common Clock
(PLL BW 2–4 MHz, CDR = 10 MHz)1,3,4,5
—0.45
1.0
ps
(RMS)
PCIe Gen 3 Separate Reference No Spread, SRNS
(PLL BW of 2–4 or 2–5 MHz, CDR = 10 MHz)1,3,4,5
0.32
0.71
ps
(RMS)
PCIe Gen 4, Common Clock
(PLL BW of 2–4 or 2–5 MHz, CDR = 10 MHz)1,4,5,8
—0.45
1.0
ps
(RMS)
Intel® QPI & Intel SMI
(4.8 Gbps or 6.4 Gb/s, 100 or 133 MHz, 12 UI)1,6,7
—0.21
0.5
ps
(RMS)
Intel QPI & Intel SMI
(8 Gb/s, 100 MHz, 12 UI)1,6
—0.13
0.3
ps
(RMS)
Intel QPI & Intel SMI
(9.6 Gb/s, 100 MHz, 12 UI)1,6
—0.11
0.2
ps
(RMS)
Notes:
1.
Post processed evaluation through Intel supplied Matlab* scripts. Defined for a BER of 1E-12. Measured values at a
smaller sample size have to be extrapolated to this BER target.
2.
ζ = 0.54 implies a jitter peaking of 3 dB.
3.
PCIe* Gen3 filter characteristics are subject to final ratification by PCISIG. Check the PCI-SIG for the latest
specification.
4.
Measured on 100 MHz PCIe output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
5.
Measured on 100 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
6.
Measured on 100 MHz, 133 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
7.
These jitter numbers are defined for a BER of 1E-12. Measured numbers at a smaller sample size have to be
extrapolated to this BER target.
8.
Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
9.
Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


Podobny numer części - SI53112-A03A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGM SKYWORKS-SI53112-A03AGM Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGMR SKYWORKS-SI53112-A03AGMR Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results

Podobny opis - SI53112-A03A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com