Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si53119-A03AGMR Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części Si53119-A03AGMR
Szczegółowy opis  PLL or bypass mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53119-A03AGMR Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button Si53119-A03AGMR Datasheet HTML 2Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 3Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 4Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 5Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 6Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 7Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 8Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 9Page - Silicon Laboratories Si53119-A03AGMR Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Si53119-A03A
6
Rev. 1.0
Table 4. Clock Input Parameters
TA = 0–70 °C; supply voltage VDD =3.3 V ±5%
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input High Voltage
VIHDIF
Differential Inputs
(singled-ended measurement)
600
700
1150
mV
Input Low Voltage
VIHDIF
Differential Inputs
(singled-ended measurement)
Vss-
300
0300
mV
Input Common Mode
Voltage
Vcom
Common mode input voltage
300
1000
mV
Input Amplitude, CLK_IN
Vswing
Peak to Peak Value
300
1450
mV
Input Slew Rate, CLK_IN
dv/dt
Measured differentially
0.4
8
V/ns
Input Duty Cycle
Measurement from differential wave
form
45
50
55
%
Input Jitter–Cycle to Cycle
JDFin
Differential measurement
125
ps
Input Frequency
Fibyp
VDD = 3.3 V, bypass mode
33
150
MHz
FiPLL
VDD = 3.3 V, 100 MHz PLL Mode
90
100
110
MHz
FiPLL
VDD = 3.3 V, 133.33 MHz PLL Mode
120
133.33
147
MHz
Input SS Modulation Rate
fMODIN
Triangle wave modulation
30
31.5
33
kHz


Podobny numer części - Si53119-A03AGMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53119-A03AGMR SKYWORKS-SI53119-A03AGMR Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
More results

Podobny opis - Si53119-A03AGMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   PLL or bypass mode
9ZXL0651 IDT-9ZXL0651 Datasheet
224Kb / 17P
   PLL or bypass mode
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
   PLL or bypass mode
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
RF Micro Devices
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
   DUAL CHANNEL LNA WITH BYPASS MODE
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com