Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si8645BB-B-IS Arkusz danych(PDF) 2 Page - Silicon Laboratories

Numer części Si8645BB-B-IS
Szczegółowy opis  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8645BB-B-IS Arkusz danych(HTML) 2 Page - Silicon Laboratories

  Si8645BB-B-IS Datasheet HTML 1Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 2Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 3Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
1. Ordering Guide
Table 1.1. Ordering Guide for Valid OPNs1, 2
Ordering Part Number (OPN)
Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data
Rate (Mbps)
Default
Output
State
Isolation
Rating
(kV)
Temp (°C)
Package
Si8640BA-B-IU
4
0
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8640BB-B-IS1
4
0
150
Low
2.5
–40 to 125 °C NB SOIC-16
Si8640BB-B-IS
4
0
150
Low
2.5
–40 to 125 °C WB SOIC-16
Si8640BC-B-IS1
4
0
150
Low
3.75
–40 to 125 °C NB SOIC-16
Si8640EC-B-IS1
4
0
150
High
3.75
–40 to 125 °C NB SOIC-16
Si8640BD-B-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8640ED-B-IS
4
0
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8641BA-B-IU
3
1
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8641BA-C-IU
3
1
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8641BB-B-IU
3
1
150
Low
2.5
–40 to 125 °C
QSOP-16
Si8641BB-B-IS1
3
1
150
Low
2.5
–40 to 125 °C NB SOIC-16
Si8641BB-B-IS
3
1
150
Low
2.5
–40 to 125 °C WB SOIC-16
Si8641BC-B-IS1
3
1
150
Low
3.75
–40 to 125 °C NB SOIC-16
Si8641EC-B-IS1
3
1
150
High
3.75
–40 to 125 °C NB SOIC-16
Si8641BD-B-IS
3
1
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8641ED-B-IS
3
1
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8642BA-B-IU
2
2
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8642BA-C-IU
2
2
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8642EA-B-IU
2
2
150
High
1.0
–40 to 125 °C
QSOP-16
Si8642BB-B-IS1
2
2
150
Low
2.5
–40 to 125 °C NB SOIC-16
Si8642BB-B-IS
2
2
150
Low
2.5
–40 to 125 °C WB SOIC-16
Si8642BC-B-IS1
2
2
150
Low
3.75
–40 to 125 °C NB SOIC-16
Si8642EC-B-IS1
2
2
150
High
3.75
–40 to 125 °C NB SOIC-16
Si8642BD-B-IS
2
2
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si8642ED-B-IS
2
2
150
High
5.0
–40 to 125 °C WB SOIC-16
Si8645BA-B-IU
4
0
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8645BA-C-IU
4
0
150
Low
1.0
–40 to 125 °C
QSOP-16
Si8645BB-B-IU
4
0
150
Low
2.5
–40 to 125 °C
QSOP-16
Si8645BB-B-IS1
4
0
150
Low
2.5
–40 to 125 °C NB SOIC-16
Si8645BB-B-IS
4
0
150
Low
2.5
–40 to 125 °C WB SOIC-16
Si8645BC-B-IS1
4
0
150
Low
3.75
–40 to 125 °C NB SOIC-16
Si8645BD-B-IS
4
0
150
Low
5.0
–40 to 125 °C WB SOIC-16
Si864x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 1


Podobny numer części - Si8645BB-B-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8645BB-B-IS SILABS-SI8645BB-B-IS Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IS SKYWORKS-SI8645BB-B-IS Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Silicon Laboratories
SI8645BB-B-IS1 SILABS-SI8645BB-B-IS1 Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IS1 SKYWORKS-SI8645BB-B-IS1 Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Podobny opis - Si8645BB-B-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com