Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL28PCIe16ALIT Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SL28PCIe16ALIT
Szczegółowy opis  Low power push-pull type differential output buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALIT Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SL28PCIe16ALIT Datasheet HTML 3Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 7 of 12
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD_3.3V
Main Supply Voltage
Functional
4.6
V
VIN
Input Voltage
Relative to VSS
–0.5
4.6
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Industrial Temperature,
Operating Ambient
Functional
–40
85
°C
TA
Commercial Temperature,
Operating Ambient
Functional
0
85
°C
TJ
Temperature, Junction
Functional
150
°C
ØJC
Dissipation, Junction to Case
JEDEC (JESD 51)
20
°C/
W
ØJA
Dissipation, Junction to Ambient JEDEC (JESD 51)
60
°C/
W
ESDHBM
ESD Protection (Human Body
Model)
JEDEC (JESD 22 - A114)
2000
V
UL-94
Flammability Rating
UL (Class)
V–0
Multiple Supplies:
The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD core
3.3V Operating Voltage
3.3 ± 5%
3.135
3.465
V
VIH
3.3V Input High Voltage
Single-Ended Clock
2.0
VDD + 0.3 V
VIL
3.3V Input Low Voltage
Single-Ended Clock
VSS – 0.3
0.8
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
V
IIH
Input High Leakage Current
Except internal pull-down resistors, 0 < VIN <
VDD
–5
A
IIL
Input Low Leakage Current
Except internal pull-up resistors, 0 < VIN < VDD
–5
A
VOH
3.3V Output High Voltage (DIFF)
0.7
0.9
V
VOL
3.3V Output Low Voltage (DIFF)
0.4
V
IOZ
High-impedance Output Current
–10
10
A
CIN
Input Pin Capacitance
1.5
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Pin Inductance
7
nH
IDD_3.3V
Dynamic Supply Current
Differential clocks with 7” traces and 2pF load.
65
mA


Podobny numer części - SL28PCIe16ALIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

Podobny opis - SL28PCIe16ALIT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
PCA ELECTRONICS INC.
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com