Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL28PCIE50 Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SL28PCIE50
Szczegółowy opis  PCI-Express Gen 2 Compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE50 Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIE50 Datasheet HTML 4Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 5Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 6Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 9Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 10Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 11Page - Silicon Laboratories SL28PCIE50 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SL28PCIe50
DOC#: SP-AP-0758 (Rev. AA)
Page 8 of 16
Input Pins Clearification
SRC_EN Clarification
SRC_EN pin is a 3.3V active high input pin. When the
SRC_EN signal is a logic low, all SRC clocks will be disabled
sychronously regardless of the CLKREQ# state. If SRC_EN
pin remains disabled it can be re-enabled through the SMBus
register. The SRC_EN signal will be asserted high whenever
the SRC_EN pin or the SRC_EN bit is a logic high.
CLKREQ# Clarification
The CLKREQ# signals are active low inputs used to cleanly
enable and disabe selected SRC outputs. If CLKREQ# pin
remains disabled it can be re-enabled through the SMBus
register. The CLKREQ# signal will be asserted high whenever
the CLKREQ# pin or the CLKREQ# bit is a logic high.
OE Clarification
The OE signals are active high inputs used to enable and
disabe single-ended outputs. If OE pin remains disabled it can
be re-enabled through the SMBus register. The OE signal will
be asserted high whenever the OE pin or the OE bit is a logic
high. OE pins is required to be driven at all time.
RESET# Clarification
The RESET# signal is 3.3V output signal with an internal
100k-ohm pull-down. The RESET# output is low during power
up. When SRC_EN is low and after all SRC clocks go low,
RESET# will go low. If any of the SRCs is running when
SRC_EN is low, RESET# will not go low. When PD pin is
de-asserted and SRC_EN goes high, RESET# will remain low
for 100ms then goes high. If PD is asserted, RESET# will be
low.
Byte 7: Control Register 7
Bit
@Pup
Type
Name
Description
7
0
R/W
PLL2_SS_EN
Spread Enabled for PLL2
0=Spread Disabled; 1=Spread Enabled
6
0
R/W
CONFIG_SE1_FS2
See Table 6 on page 7 for full configuraiton
5
0
R/W
CONFIG_SE1_FS1
4
0
R/W
CONFIG_SE1_FS0
3
0
R/W
PLL1_PD
Power Down PLL1
0=Enabled PLL1; 1=Disabled PLL1
2
0
R/W
PLL2_PD
Power Down PLL2
0=Enabled PLL2; 1=Disabled PLL2
1
0
R/W
PLL3_PD
Power Down PLL3
0=Enabled PLL3; 1=Disabled PLL3
0
1
R/W
RESET#_SET
RESET# Output setting
0=RESET# output goes low, but will not disabled SRC clocks
1=RESET# goes high after 100ms if device is not in power
down or SRC_EN in not “0”
Table 4. CLKREQ# Table for SRC Clocks
CKPWRGD / PD#
SRC_EN Pin
SRC_EN Bit
CLKREQ# Pin
CLKREQ# Bit
SRC Clocks
11
X
0
X
Enabled
11
X
X
0
Enabled
1X
1
0
X
Enabled
1X
1
X
0
Enabled
1
0
0
0
0
Disabled if not free running
1
0
0
0
1
Disabled if not free running
1
0
0
1
0
Disabled if not free running
1
X
X
1
1
Disabled
0
X
X
X
X
Disabled


Podobny numer części - SL28PCIE50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

Podobny opis - SL28PCIE50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL28PCIE14 SILABS-SL28PCIE14 Datasheet
395Kb / 13P
   PCI-Express Gen 2 & Gen 3 Compliant
logo
AVAGO TECHNOLOGIES LIMI...
PEX8696 AVAGO-PEX8696 Datasheet
314Kb / 5P
   PCI Express Gen 2 Switch
PEX8649 AVAGO-PEX8649 Datasheet
415Kb / 5P
   PCI Express Gen 2 Switch
PEX8664 AVAGO-PEX8664 Datasheet
387Kb / 5P
   PCI Express Gen 2 Switch
PEX8680 AVAGO-PEX8680 Datasheet
356Kb / 5P
   PCI Express Gen 2 Switch
PEX8603 AVAGO-PEX8603 Datasheet
211Kb / 3P
   PCI Express Gen 2 Switch
PEX8605 AVAGO-PEX8605 Datasheet
232Kb / 3P
   PCI Express Gen 2 Switch
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com