Zakładka z wyszukiwarką danych komponentów |
|
74LVC16244APVG8 Arkusz danych(PDF) 2 Page - Integrated Device Technology |
|
74LVC16244APVG8 Arkusz danych(HTML) 2 Page - Integrated Device Technology |
2 / 6 page INDUSTRIALTEMPERATURERANGE 2 IDT74LVC16244A 3.3VCMOS16-BITBUFFER/DRIVERWITH3-STATEOUTPUTS SSOP / TSSOP TOP VIEW PIN CONFIGURATION NOTES: 1. H = HIGH Voltage Level X = Don’t Care L = LOW Voltage Level Z = High-Impedance Inputs Outputs xOE xAx xYx LL L LH H HX Z FUNCTION TABLE (EACH 4-BITBUFFER)(1) Pin Names Description xAx Data Inputs xYx 3-State Outputs xOE 3-State Output Enable Inputs (Active LOW) PIN DESCRIPTION NOTE: 1. As applicable to the device type. Symbol Parameter(1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 4.5 6 pF COUT Output Capacitance VOUT = 0V 6.5 8 pF CI/O I/O Port Capacitance VIN = 0V 6.5 8 pF CAPACITANCE (TA = +25°C, F = 1.0MHz) Symbol Description Max Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +6.5 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to +6.5 V TSTG Storage Temperature –65 to +150 °C IOUT DC Output Current –50 to +50 mA IIK Continuous Clamp Current, –50 mA IOK VI < 0 or VO < 0 ICC Continuous Current through each ±100 mA ISS VCC or GND ABSOLUTE MAXIMUM RATINGS(1) NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC. 1 OE 1 Y1 1 Y2 GND 1 Y3 1 Y4 VCC 2 Y1 2 Y2 GND 2 Y3 2 Y4 3 Y1 3 Y2 3 Y4 4 OE GND VCC 4 Y1 4 Y2 GND 4 Y3 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 1 2 OE 1 A1 1 A2 GND 1 A3 1 A4 VCC 2 A1 2 A2 2 A3 2 A4 3 A1 GND 3 A3 3 A4 4 A1 4 A2 GND 4 A3 4 A4 3 OE 3 Y3 4 Y4 VCC 3 A2 GND |
Podobny numer części - 74LVC16244APVG8 |
|
Podobny opis - 74LVC16244APVG8 |