Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC16374APAG8 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części 74LVC16374APAG8
Szczegółowy opis  3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC16374APAG8 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  74LVC16374APAG8 Datasheet HTML 1Page - Integrated Device Technology 74LVC16374APAG8 Datasheet HTML 2Page - Integrated Device Technology 74LVC16374APAG8 Datasheet HTML 3Page - Integrated Device Technology 74LVC16374APAG8 Datasheet HTML 4Page - Integrated Device Technology 74LVC16374APAG8 Datasheet HTML 5Page - Integrated Device Technology 74LVC16374APAG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC16374A
3.3VCMOS16-BITEDGE-TRIGGEREDD-TYPEFLIP-FLOP
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input Leakage Current
VCC = 3.6V
VI = 0 to 5.5V
±5
μA
IIL
IOZH
High Impedance Output Current
VCC = 3.6V
VO = 0 to 5.5V
±10
μA
IOZL
(3-State Output pins)
IOFF
Input/Output Power Off Leakage
VCC = 0V, VIN or VO
5.5V
±50
μA
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
VIN = GND or VCC
——
10
μA
ICCH
ICCZ
3.6
VIN 5.5V(2)
——
10
ΔICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
500
μA
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTES:
1. Typical values are at VCC = 3.3V, +25°C ambient.
2. This applies in the disabled state only.
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2.2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55


Podobny numer części - 74LVC16374APAG8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
74LVC16374APAG8 RENESAS-74LVC16374APAG8 Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
AUGUST 2015
More results

Podobny opis - 74LVC16374APAG8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74ALVCH16374 IDT-IDT74ALVCH16374 Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE
logo
Texas Instruments
SN74LVCH32374A TI1-SN74LVCH32374A_16 Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Integrated Device Techn...
IDT74LVCH162374A IDT-IDT74LVCH162374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP
logo
Renesas Technology Corp
IDT74ALVCH162374 RENESAS-IDT74ALVCH162374 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Integrated Device Techn...
IDT74LVCH16374A IDT-IDT74LVCH16374A_15 Datasheet
220Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com