Zakładka z wyszukiwarką danych komponentów |
|
74LVCH16245APAG Arkusz danych(PDF) 1 Page - Integrated Device Technology |
|
74LVCH16245APAG Arkusz danych(HTML) 1 Page - Integrated Device Technology |
1 / 6 page INDUSTRIALTEMPERATURERANGE IDT74LVCH16245A 3.3VCMOS16-BITBUSTRANSCEIVERWITH3-STATEOUTPUTS 1 OCTOBER 2015 INDUSTRIAL TEMPERATURE RANGE The IDT logo is a registered trademark of Integrated Device Technology, Inc. © 2015 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. DSC-4596/5 FEATURES: • Typical tSK(o) (Output Skew) < 250ps • ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) •VCC = 3.3V ± 0.3V, Normal Range •VCC = 2.7V to 3.6V, Extended Range • CMOS power levels (0.4 μμμμμ W typ. static) • All inputs, outputs, and I/O are 5V tolerant • Available in SSSOP and TSSOP packages FUNCTIONAL BLOCK DIAGRAM APPLICATIONS: • 5V and 3.3V mixed voltage systems • Data communication and telecommunication systems DRIVE FEATURES: • High Output Drivers: ±24mA • Reduced system switching noise IDT74LVCH16245A DESCRIPTION: This 16-bit bus transceiver is built using advanced dual metal CMOS technology. This high-speed, low power transceiver is ideal for asynchro- nous communication between two busses (A and B). The Direction and Output Enable controls are designed to operate this device as either two independent 8-bit transceivers or one 16-bit transceiver. The direction control pin (DIR) controls the direction of data flow. The output enable pin (OE) overrides the direction control and disables both ports. All inputs are designed with hysteresis for improved noise margin. All pins can be driven from either 3.3V or 5V devices. This feature allows the use of this device as a translator in a mixed 3.3V/5V supply system. The LVCH16245A has been designed with a ±24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. The LVCH16245A has “bus-hold” which retains the inputs' last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors. 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD 1 DIR 1 A1 1 A2 1 A3 1 A4 1 A5 1 A6 1 A7 1 A8 1 B8 1 B7 1 B6 1 B5 1 B4 1 B3 1 B2 1 B1 1 OE 2 DIR 2 A1 2 A2 2 A3 2 A4 2 A5 2 A6 2 A7 2 A8 2 B8 2 B7 2 B6 2 B5 2 B4 2 B3 2 B2 2 B1 2 OE 1 47 46 44 43 41 40 38 37 48 2 3 5 6 8 9 11 12 24 36 35 33 32 30 29 27 26 25 13 14 16 17 19 20 22 23 |
Podobny numer części - 74LVCH16245APAG |
|
Podobny opis - 74LVCH16245APAG |