Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK525 Arkusz danych(PDF) 3 Page - ATMEL Corporation

Numer części STK525
Szczegółowy opis  AT90USBxxx TQFP device (2.7V
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK525 Arkusz danych(HTML) 3 Page - ATMEL Corporation

  STK525 Datasheet HTML 1Page - ATMEL Corporation STK525 Datasheet HTML 2Page - ATMEL Corporation STK525 Datasheet HTML 3Page - ATMEL Corporation STK525 Datasheet HTML 4Page - ATMEL Corporation STK525 Datasheet HTML 5Page - ATMEL Corporation STK525 Datasheet HTML 6Page - ATMEL Corporation STK525 Datasheet HTML 7Page - ATMEL Corporation STK525 Datasheet HTML 8Page - ATMEL Corporation STK525 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
STK525 Hardware User Guide
1-3
7608A–AVR–04/06
Section 1
Introduction
Congratulation for acquiring the AVR® STK525 Starter Kit. This kit is designed to give
designers a quick start to develop code on the AT90USBxxx and for prototyping and
testing of new designs.
1.1
Overview
This
document
describes
the
STK525
dedicated
to
the
AT90USBxxx
AVR
microcontroller. This board is designed to allow an easy evaluation of the product using
demonstration software.
To complement the evaluation and enable additional development capability, the
STK525 can be plugged into the Atmel STK500 Starter Kit Board in order to use the
AT90USBxxx with advanced features such as variable VCC, variable VRef, variable
XTAL, etc. and supports all AVR development tools.
To increase its demonstrative capabilities, this stand alone board has numerous on-
board resources (USB, RS232, joystick, data-flash, microphone and temperature
sensor).
This user guide acts as a general getting started guide as well as a complete technical
reference for advanced users.


Podobny numer części - STK525

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
   STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
More results

Podobny opis - STK525

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
   AT90CAN128 TQFP device (3 or 5V),
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Guangdong Youtai Semico...
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com