Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL15100 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL15100
Szczegółowy opis  Single Port, PLC Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL15100 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL15100 Datasheet HTML 1Page - Intersil Corporation ISL15100 Datasheet HTML 2Page - Intersil Corporation ISL15100 Datasheet HTML 3Page - Intersil Corporation ISL15100 Datasheet HTML 4Page - Intersil Corporation ISL15100 Datasheet HTML 5Page - Intersil Corporation ISL15100 Datasheet HTML 6Page - Intersil Corporation ISL15100 Datasheet HTML 7Page - Intersil Corporation ISL15100 Datasheet HTML 8Page - Intersil Corporation ISL15100 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL15100
4
FN8577.0
September 19, 2013
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ Voltage to VS- or GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +13.3V
INA+, INB+ Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS+
C0, C1 Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VS+
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Continuous Output Current for Long Term Reliability. . . . . . . . . . . . . . . . 50mA
Latch-up (Tested per JESD78D, Class II) . . . . . . . . . . . . . . . . . . . . . . 100mA
ESD Rating
Human Body Model (Tested per JESD22-A114F). . . . . . . . . . . . . . . . . . 4kV
Charge Device Model (Tested per JESD22-C101E). . . . . . . . . . . . . 1.5kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . 300V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Ld QFN Package (Notes 4, 5) . . . . . . . .
53
16.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . -40°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . - 40°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VS+ = +12V, VS- = GND = 0V, see Figure 3, Full Bias (C0 = C1 = 0V), TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
DYNAMIC PERFORMANCE
-3dB Bandwidth
BW
Figure 3, 2VP-P differential output at pins
180
MHz
Slew Rate
SR
Differential VOUT (VOUTA - VOUTB) from -5V
to +5V (10VP-P)
1200
V/µs
Total Harmonic Distortion
THD, Low Frequency,
Light Load
200kHz, differential 12VP-P, across ≥350Ω
differential load
-88
-67
dBc
THD, Low Frequency,
Heavy Load
200kHz, differential 12VP-P, across 29Ω
differential load
-72
-68
dBc
THD, High Frequency,
Light Load
4MHz, differential 12VP-P, across ≥350Ω
differential load
-64
-58
dBc
THD, High Frequency,
Heavy Load
4MHz, differential 12VP-P, across 29Ω
differential load
-51
-48
dBc
Avg. Multi-Tone Power Ratio
MTPR
2MHz to 50MHz, 25kHz tone spacing,
PLINE = 15.5dBm, CF = 15dB
-43
dBc
Off State Multi-Tone Power Ratio
MTPR-OFF
2MHz to 50MHz, 25kHz tone spacing,
PLINE = 15.5dBm, CF = 15dB
-55
dBc
Non-inverting Input Spot Voltage Noise
Eni
F > 1MHz, spot noise voltage on INA+ and
INB+ inputs separately
6nV/√Hz
Non-inverting Input Spot Current Noise
Ini+
F > 1MHz, spot noise current on INA+ and
INB+ inputs separately
13
pA/√Hz
Inverting Input Spot Current Noise
Ini-
F > 1MHz, spot noise current on INA- and
INB- inputs separately
50
pA/√Hz
DC AND INPUT CHARACTERISTICS
Non-Inverting Input Bias Current
IB+
Non-inverting inputs, INA+ and INB+, at
mid-supply voltage (Note 7)
-7
2
7
µA
Non-Inverting Input Bias Current
Mismatch
IB+DM
Difference between the INA+ and INB+
bias currents
-0.5
0
0.5
µA
Inverting Input Bias Current
IB-
Inverting inputs, INA- and INB-, at mid
supply voltage (Note 7)
-90
-30
55
µA


Podobny numer części - ISL15100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100 RENESAS-ISL15100 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15100 RENESAS-ISL15100 Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15100EVAL1Z RENESAS-ISL15100EVAL1Z Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100IRZ RENESAS-ISL15100IRZ Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
More results

Podobny opis - ISL15100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
   PLC MIMO Line Driver
logo
Renesas Technology Corp
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
   PLC MIMO Line Driver
Apr 6, 2018
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com