Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29033 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL29033
Szczegółowy opis  Simple output code directly proportional to lux
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29033 Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL29033 Datasheet HTML 1Page - Intersil Corporation ISL29033 Datasheet HTML 2Page - Intersil Corporation ISL29033 Datasheet HTML 3Page - Intersil Corporation ISL29033 Datasheet HTML 4Page - Intersil Corporation ISL29033 Datasheet HTML 5Page - Intersil Corporation ISL29033 Datasheet HTML 6Page - Intersil Corporation ISL29033 Datasheet HTML 7Page - Intersil Corporation ISL29033 Datasheet HTML 8Page - Intersil Corporation ISL29033 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL29033
5
FN7656.5
September 28, 2016
Submit Document Feedback
I2C Electrical Specifications For SCL and SDA (Figure 2), unless otherwise noted, VDD = 3V, TA = +25°C, REXT = 499kΩ 1% and 1MΩ
1% tolerance.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-Level Output Voltage (Open-Drain) at 4mA
Sink Current
0.4
V
Ii
Input Leakage for each SDA, SCL Pin
-10
10
µA
tSP
Pulse Width of Spikes that must be Suppressed by
the Input Filter
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
Ci
Capacitance for each SDA and SCL Pin
10
pF
tHD:STA
Hold Time (Repeated) START Condition
After this period, the first clock pulse
is generated.
600
ns
tLOW
LOW Period of the SCL Clock
Measured at the 30% of VDD crossing
1300
ns
tHIGH
HIGH Period of the SCL Clock
600
ns
tSU:STA
Set-up Time for a Repeated START Condition
600
ns
tHD:DAT
Data Hold Time
30
ns
tSU:DAT
Data Set-Up Time
100
ns
tR
Rise Time of Both SDA and SCL Signals
(Note 9)
20 + 0.1xCb
ns
tF
Fall Time of Both SDA and SCL Signals
(Note 9)
20 + 0.1xCb
ns
tSU:STO
Set-Up Time for STOP Condition
600
ns
tBUF
Bus Free Time Between a STOP and START
Condition
1300
ns
Cb
Capacitive Load for Each Bus Line
400
pF
Rpull-up
SDA and SCL System Bus Pull-Up Resistor
Maximum is determined by tR and tF
1kΩ
tVD;DAT
Data Valid Time
0.9
µs
tVD:ACK
Data Valid Acknowledge Time
0.9
µs
VnL
Noise Margin at the LOW Level
0.1VDD
V
VnH
Noise Margin at the HIGH Level
0.2VDD
V
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
7. A 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count as a fluorescent light with
illuminance at the stated lux.
8. An 850nm IR LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count as solar light with
illuminance at the stated lux.
9. Cb is the capacitance of the bus in pF.


Podobny numer części - ISL29033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033 INTERSIL-ISL29033 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033 INTERSIL-ISL29033 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results

Podobny opis - ISL29033

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
EVAL-VNH5019-P1 STMICROELECTRONICS-EVAL-VNH5019-P1 Datasheet
94Kb / 3P
   Current sense output proportional to motor current
logo
Zowie Technology Corpor...
LX10M ZOWIE-LX10M Datasheet
64Kb / 2P
   Lux-Bridge
logo
ASM GmbH
FT3424 ASM-SENSOR-FT3424 Datasheet
1Mb / 4P
   LUX METER
logo
Zowie Technology Corpor...
LX08M ZOWIE-LX08M Datasheet
69Kb / 2P
   Lux-Bridge
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
   Directly connectable to TTL
logo
Linear Technology
LTC2996 LINER-LTC2996 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
logo
IK Semicon Co., Ltd
IN74HCT04A IKSEMICON-IN74HCT04A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
logo
Lite-On Technology Corp...
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
   DIRECTLY CONNECTABLE TO TTL
logo
IK Semicon Co., Ltd
IN74HCT10A IKSEMICON-IN74HCT10A Datasheet
186Kb / 5P
   Outputs Directly Interface to CMOS
IN74HCT08A IKSEMICON-IN74HCT08A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com