Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-5050 Arkusz danych(PDF) 7 Page - Pixart Imaging Inc.

Numer części ADNS-5050
Szczegółowy opis  Optical Mouse Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PIXART [Pixart Imaging Inc.]
Strona internetowa  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Arkusz danych(HTML) 7 Page - Pixart Imaging Inc.

  ADNS-5050_16 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 5.0 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
DC Supply Current
IDD_AVG
13.0
16.0
mA
Average sensor current, at max frame
rate. No load on SDIO.
Idle Supply Current
IDD_IDLE
11.0
mA
Power Down Supply Current
IDD_PD
180
250
μA
SCLK, NCS, NRESET, SDIO=VDD
Input Low Voltage
VIL
0.5
V
SCLK, SDIO, NCS, NRESET
Input High Voltage
VIH
VDD – 0.5
V
SCLK, SDIO, NCS, NRESET
Input Hysteresis
VI_HYS
200
mV
SCLK, SDIO, NCS, NRESET
Input Leakage Current
Ileak
±1
±10
μA
Vin = VDD-0.6 V, SCLK, SDIO, NCS,
NRESET
XY_LED Current
IXY_LED
45
mA
Average current at maximum
(pin voltage range should
frame rate.
be greater than 0.8 V.)
XY_LED Current
IXY_PK
45
51.5
mA
Peak current at maximum frame rate.
(pin voltage range should
Follow recommended schematics in
be greater than 0.8 V.)
Figure 8 to ensure DC current flowing
through LED during run mode is within
LED's absolute maximum limit.
Output Low Voltage
VOL
0.7
V
Iout = 1 mA, SDIO
Output High Voltage
VOH
VDD-0.7
V
Iout = -1 mA, SDIO
Input Capacitance
Cin
50
pF
Frame Rate
FR
4500
fps
Internally adjusted by sensor
(value shown is based on internal
oscillator frequency of 28MHZ)
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor


Podobny numer części - ADNS-5050_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5050 AVAGO-ADNS-5050 Datasheet
861Kb / 25P
   Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-5050 PIXART-ADNS-5050 Datasheet
603Kb / 27P
   Optical Mouse Sensor
More results

Podobny opis - ADNS-5050_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com