Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-5712 Arkusz danych(PDF) 11 Page - Pixart Imaging Inc.

Numer części ADNS-5712
Szczegółowy opis  USB1.1 FULL SPEED SOC MOUSE SENSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PIXART [Pixart Imaging Inc.]
Strona internetowa  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Arkusz danych(HTML) 11 Page - Pixart Imaging Inc.

Back Button ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
11
USB Data Report Format
Two types of USB report data format are supported, boot protocol and report protocol. The boot protocol is used for legacy PC environment
which supports 8-bit delta_X, delta_Y motion data and 3 basic buttons only. Report protocol is the more common format which supports 16-
bit delta_X and delta_Y motion data, 8-bit Z-wheel scrolling data and 5 buttons. If the Z-wheel is scrolled upward, the corresponding report
data will be 01H. If the Z-wheel is scrolled downward, the corresponding report data will be FFH. And the report data will be 00H if Z-wheel
is idle.
USB Boot Protocol for Legacy Operation
Byte
Bit
Symbol
Description
1
0
BL
1 = Left button pressed
1
BR
1 = Right button pressed
2
BM
1 = Middle button pressed
3 ~ 7
NC
Reserved
2
0 ~ 7
X0 ~ X7
Delta_X[7:0] motion data. For 8-bit mode
3
0 ~ 7
Y0 ~ Y7
Delta_Y[7:0] motion data. For 8-bit mode
USB Report Protocol
Byte
Bit
Symbol
Description
1
0
BL
1 = Left button pressed
1
BR
1 = Right button pressed
2
BM
1 = Middle button pressed
3
B4
1 = Prev Page button pressed
4
B5
1 = Next Page button pressed
5 ~ 7
NC
Reserved
2
0 ~ 7
X0 ~ X7
Delta_X[7:0] motion data. For 8-bit mode
3
0 ~ 7
Y0 ~ Y7
Delta_Y[7:0] motion data. For 8-bit mode
4
0 ~ 7
Z0 ~ Z7
Z-Wheel[7:0] scrolling data
5
0 ~ 7
X0 ~ X7
Delta_X[7:0] motion data. For 16-bit mode
6
0 ~ 7
X8 ~ X15
Delta_X[15:8] motion data. For 16-bit mode
7
0 ~ 7
Y0 ~ Y7
Delta_Y[7:0] motion data. For 16-bit mode
8
0 ~ 7
Y8 ~ Y15
Delta_Y[15:8] motion data. For 16-bit mode


Podobny numer części - ADNS-5712

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5700 AVAGO-ADNS-5700 Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H3MB AVAGO-ADNS-5700-H3MB Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H3NB AVAGO-ADNS-5700-H3NB Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H4MB AVAGO-ADNS-5700-H4MB Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H4NB AVAGO-ADNS-5700-H4NB Datasheet
310Kb / 41P
   Optical navigation technology
More results

Podobny opis - ADNS-5712

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pixart Imaging Inc.
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
PAW3552DB PIXART-PAW3552DB Datasheet
1Mb / 8P
   USB/PS2 Optical Mouse SoC
logo
COSMO Electronics Corp...
PS202LP-1 COSMO-PS202LP-1 Datasheet
117Kb / 2P
   Mouse sensor
PS202L-1 COSMO-PS202L-1 Datasheet
115Kb / 2P
   Mouse sensor
PS201LP-1 COSMO-PS201LP-1 Datasheet
128Kb / 2P
   Mouse sensor
PS201LL-1 COSMO-PS201LL-1 Datasheet
127Kb / 2P
   Mouse sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com